Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8505IBDWRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS8505IBDWRG4
Description  16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8505IBDWRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS8505IBDWRG4 Datasheet HTML 6Page - Texas Instruments ADS8505IBDWRG4 Datasheet HTML 7Page - Texas Instruments ADS8505IBDWRG4 Datasheet HTML 8Page - Texas Instruments ADS8505IBDWRG4 Datasheet HTML 9Page - Texas Instruments ADS8505IBDWRG4 Datasheet HTML 10Page - Texas Instruments ADS8505IBDWRG4 Datasheet HTML 11Page - Texas Instruments ADS8505IBDWRG4 Datasheet HTML 12Page - Texas Instruments ADS8505IBDWRG4 Datasheet HTML 13Page - Texas Instruments ADS8505IBDWRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
www.ti.com
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS8505
+5V
+
+
+
+
Convert Pulse
40 ns Min
200
2.2
µF
2.2
µF
0.1
µF
10
µF
33.2 k
B15 (MSB)
B14
B13
B12
B11
B10
B9
B8
B0 (LSB)
B1
B2
B3
B4
B5
B6
B7
READING DATA
PARALLEL OUTPUT (After a Conversion)
PARALLEL OUTPUT (During a Conversion)
ADS8505
SLAS180B – SEPTEMBER 2005 – REVISED JUNE 2007
Figure 21. Basic Operation
The ADS8505 outputs full or byte-reading parallel data in binary 2's complement data output format. The parallel
output is active when R/C (pin 24) is high and CS (pin 25) is low. Any other combination of CS and R/C 3-states
the parallel output. Valid conversion data can be read in a full parallel, 16-bit word or two 8-bit bytes on pins
6-13 and pins 15-22. BYTE (pin 23) can be toggled to read both bytes within one conversion cycle. Refer to
Table 2 for ideal output codes and Figure 22 for bit locations relative to the state of BYTE.
Table 2. Ideal Input Voltages and Output Codes
DIGITAL OUTPUT BINARY 2'S COMPLEMENT
DESCRIPTION
ANALOG INPUT
BINARY CODE
HEX CODE
Full-scale range
±10 V
Least significant bit (LSB)
305
µV
Full scale (10 V-1 LSB)
9.999695 V
0111 1111 1111 1111
7FFF
Midscale
0 V
0000 0000 0000 0000
0000
One LSB below midscale
-305
µV
1111 1111 1111 1111
FFFF
–Full scale
-10 V
1000 0000 0000 0000
8000
After conversion n is completed and the output registers have been updated, BUSY (pin 26) goes high. Valid
data from conversion n is available on D15-D0 (pins 6-13 and 15-22). BUSY going high can be used to latch the
data. Refer to Table 3, Figure 23, Figure 24, and Figure 25 for timing specifications.
After conversion n has been initiated, valid data from conversion n-1 can be read and is valid up to t2 (2.2 µs
typ) after the start of conversion n. Do not attempt to read data from t2 (2.2 µs typ) after the start of conversion n
until BUSY (pin 26) goes high; this may result in reading invalid data. Refer to Table 3, Figure 23, Figure 24, and
Figure 25 for timing specifications.
Note: For the best possible performance, data should not be read during a conversion. The switching noise of
the asynchronous data transfer can cause digital feedthrough degrading converter performance.
10
Submit Documentation Feedback


Similar Part No. - ADS8505IBDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8505IB TI1-ADS8505IB Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8505IBDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
[Old version datasheet]   16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI-ADS8508 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com