Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPC440SP-ANC533C Datasheet(PDF) 4 Page - Applied Micro Circuits Corporation

Part # PPC440SP-ANC533C
Description  PowerPC 440SP Embedded Processor
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SP-ANC533C Datasheet(HTML) 4 Page - Applied Micro Circuits Corporation

  PPC440SP-ANC533C Datasheet HTML 1Page - Applied Micro Circuits Corporation PPC440SP-ANC533C Datasheet HTML 2Page - Applied Micro Circuits Corporation PPC440SP-ANC533C Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC440SP-ANC533C Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC440SP-ANC533C Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC440SP-ANC533C Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC440SP-ANC533C Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC440SP-ANC533C Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440SP-ANC533C Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 85 page
background image
PowerPC 440SP Embedded Processor
4
AMCC Proprietary
Revision 1.23 - Sept 26, 2006
Data Sheet
Ordering and PVR Information
For information about the availability of the following parts, contact your local AMCC sales office.
Each part number contains a revision code. This is the die mask revision number and is included in the part
number for identification purposes only.
The PVR (Processor Version Register) and the JTAG ID register are software accessible (read-only) and contain
information that uniquely identifies the part. See the PPC440SP Embedded Processor User’s Manual for details
about accessing these registers.
Note: Raid-enabled versions (Product Feature = R) require a RAID key license.
Figure 1. Order Part Number Key
Product Name
Order Part Number
(see Notes:)
Package
Rev
Level
PVR Value
JTAG ID
PPC440SP
PPC440SP-xpCfffC
29mm, 783 FC-PBGA
C
0x53221891
0x12056049
Notes:
1. x = Product Feature
A = RAID6 not enabled
R = RAID6 enabled
2. p = Module Package Type
F = leaded FC-PBGA
N = lead free FC-PGBA (RoHS compliant)
3. C = Chip Revision Level C
4. fff = Processor Frequency
533 = 533MHz
667 = 667MHz
5. C = Case Temperature Range of -40°C to +100°C
AMCC Part Number
PPC440SP-RNC667C
Package
Processor Speed
Product Feature
Revision Level
Case Temperature Range
Note: The example part number above is a RAID6-enabled, lead-free package, at Chip Revision
Level C, capable of running at 667 MHz, and is shipped in tray packaging.


Similar Part No. - PPC440SP-ANC533C

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
PPC440SPE AMCC-PPC440SPE Datasheet
1Mb / 80P
   PowerPC 440SPe Embedded Processor
PPC440SPE-3GA533C AMCC-PPC440SPE-3GA533C Datasheet
1Mb / 80P
   PowerPC 440SPe Embedded Processor
PPC440SPE-3GA667C AMCC-PPC440SPE-3GA667C Datasheet
1Mb / 80P
   PowerPC 440SPe Embedded Processor
PPC440SPE-AGB533C AMCC-PPC440SPE-AGB533C Datasheet
1Mb / 80P
   PowerPC 440SPe Embedded Processor
PPC440SPE-AGB667C AMCC-PPC440SPE-AGB667C Datasheet
1Mb / 80P
   PowerPC 440SPe Embedded Processor
More results

Similar Description - PPC440SP-ANC533C

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
PPC405CR AMCC-PPC405CR Datasheet
815Kb / 42P
   PowerPC 405CR Embedded Processor
PPC405EP AMCC-PPC405EP Datasheet
799Kb / 50P
   PowerPC 405EP Embedded Processor
440EPX AMCC-440EPX Datasheet
2Mb / 94P
   PowerPC 440EPx Embedded Processor
405EX AMCC-405EX Datasheet
989Kb / 67P
   PowerPC 405EX Embedded Processor
405EZ AMCC-405EZ Datasheet
808Kb / 54P
   PowerPC 405EZ Embedded Processor
440SPE AMCC-440SPE Datasheet
1Mb / 80P
   PowerPC 440SPe Embedded Processor
440GRX AMCC-440GRX Datasheet
1Mb / 88P
   PowerPC 440GRx Embedded Processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
   Embedded Processor
Rev. PrE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com