Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11DQ06 Datasheet(PDF) 2 Page - Sensitron

Part # 11DQ06
Description  SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

11DQ06 Datasheet(HTML) 2 Page - Sensitron

  11DQ06 Datasheet HTML 1Page - Sensitron 11DQ06 Datasheet HTML 2Page - Sensitron 11DQ06 Datasheet HTML 3Page - Sensitron 11DQ06 Datasheet HTML 4Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image





 

""
&!

*"%-
.
 
 

 

   
!

"!#$#$%& = (4 * +
$ !  ,-



  . #$/
01223! !







!"  


""
&!

*"%-
.
   1

 
%+ !+&'7* 
%7+ !+&'7* 
(
8


%+ !+&'7* 
%7+ !+&'7* 
4
)

 0 !6
 %'0 + !+
&'7* 

-
%'0 + !+
&'7* 

-
 9!$2 1 $2 $

%'+&'7* 
, ':;

1
&#12$ 32!$ $

< 
 !  --
,-1 $ =#
(
:
  0 ,
5 e 0 
>

+
>?
   

#""$% 

""
&!

#"
.
 9!$2&-1 !
&

)@
* 
 3 &-1 !
&

)@
* 
 2-!-&5- 
02 $9!$2
-=2

0θ

 1 2

0

* >A
&#12$ &5- 02 $
9!$2< 

0θ 

DC operation


(

* >A
112- A25


44

3#
.).7)<


SENSITRON
SEMICONDUCTOR
• 221 West Industry Court ! Deer Park, NY 11729-4681 ! (631) 586-7600 FAX (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
11DQ05
11DQ06
Data Sheet 2851, Rev. A

  
3




Similar Part No. - 11DQ06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
11DQ06 IRF-11DQ06 Datasheet
32Kb / 5P
   SCHOTTKY RECTIFIER
logo
Nihon Inter Electronics...
11DQ06 NIEC-11DQ06 Datasheet
37Kb / 6P
   Low Forward Voltage drop Diode
logo
Vishay Siliconix
11DQ06 VISHAY-11DQ06 Datasheet
81Kb / 5P
   Schottky Rectifier, 1.1 A
Revision: 06-Nov-08
logo
SynSemi, Inc.
11DQ06 SYNSEMI-11DQ06 Datasheet
38Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
EIC discrete Semiconduc...
11DQ06 EIC-11DQ06 Datasheet
38Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
More results

Similar Description - 11DQ06

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com