Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPE405H-3BA266CZ Datasheet(PDF) 11 Page - Applied Micro Circuits Corporation

Part # NPE405H-3BA266CZ
Description  PowerNP NPe405H Embedded Processor
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

NPE405H-3BA266CZ Datasheet(HTML) 11 Page - Applied Micro Circuits Corporation

Back Button NPE405H-3BA266CZ Datasheet HTML 7Page - Applied Micro Circuits Corporation NPE405H-3BA266CZ Datasheet HTML 8Page - Applied Micro Circuits Corporation NPE405H-3BA266CZ Datasheet HTML 9Page - Applied Micro Circuits Corporation NPE405H-3BA266CZ Datasheet HTML 10Page - Applied Micro Circuits Corporation NPE405H-3BA266CZ Datasheet HTML 11Page - Applied Micro Circuits Corporation NPE405H-3BA266CZ Datasheet HTML 12Page - Applied Micro Circuits Corporation NPE405H-3BA266CZ Datasheet HTML 13Page - Applied Micro Circuits Corporation NPE405H-3BA266CZ Datasheet HTML 14Page - Applied Micro Circuits Corporation NPE405H-3BA266CZ Datasheet HTML 15Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
NPe405H – PowerNP NPe405H Embedded Processor
Revision 1.01 – April 18, 2007
AMCC Proprietary
DS2011
11
Data Sheet
DMA CONTROLLER
Supports the following transfers:
- Memory-to-memory transfers
- Buffered peripheral to memory transfers
- Buffered memory to peripheral transfers
Four channels
Scatter/Gather capability for programming multiple DMA operations
8-, 16-, 32-bit peripheral support (OPB and external bus attached)
32-bit addressing
Address increment or decrement
Internal 32-byte data buffering capability
Supports internal and external peripherals
Support for memory mapped peripherals
Support for peripherals running on slower frequency buses
SERIAL INTERFACE
Two 8-pin UART interfaces provided
Selectable internal or external serial clock to allow wide range of baud rates
Register compatibility with NS16550 register set
Complete status reporting capability
Transmitter and receiver are each buffered with 16-byte FIFOs when in FIFO mode
Fully programmable serial-interface characteristics
Supports DMA using internal DMA engine
IIC BUS INTERFACE
Compliant with Phillips® Semiconductors I2C Specification, dated 1995
Operation at 100kHz or 400kHz
•8-bit data
10- or 7-bit address
Slave transmitter and receiver
Master transmitter and receiver
Multiple bus masters
Supports fixed VDD IIC interface
Two independent 4 x 1 byte data buffers
One programmable interrupt request signal
Provides full management of all IIC bus protocol
Programmable error recovery
IIC EEPROM CONTROLLER
Supports setting of processor configuration from serial EEPROM during system reset.


Similar Part No. - NPE405H-3BA266CZ

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
NPE405L AMCC-NPE405L Datasheet
944Kb / 54P
   PowerNP
More results

Similar Description - NPE405H-3BA266CZ

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
NPE405L AMCC-NPE405L Datasheet
944Kb / 54P
   PowerNP
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
   Embedded Processor
Rev. PrE
ADSP-BF542 AD-ADSP-BF542_1 Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
ADSP-21266 AD-ADSP-21266_07 Datasheet
894Kb / 44P
   Embedded Processor
REV. C
ADSP-BF522C AD-ADSP-BF522C Datasheet
829Kb / 12P
   Embedded Processor
Rev. PrB
ADSP-TS101S AD-ADSP-TS101S Datasheet
827Kb / 44P
   Embedded Processor
REV. A
ADSP-21262 AD-ADSP-21262_05 Datasheet
1Mb / 48P
   Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com