Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JNIC-1560 Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # JNIC-1560
Description  Fibre Channel-to-PCI/PCI-X ASIC Controller
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

JNIC-1560 Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  JNIC-1560 Datasheet HTML 1Page - Applied Micro Circuits Corporation JNIC-1560 Datasheet HTML 2Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
JNIC-1460/1560
Fibre Channel-to-PCI/PCI-X ASIC Controller
D a ta S heet
For nearly a decade, JNI® ASIC controllers have been a pioneering presence in the Fibre Channel world.
Now that JNI has joined AMCC — the industry leader in high performance integrated circuits for wide
area networks — AMCC is proud to offer JNIC ASIC controllers for a variety of SAN applications.
The JNIC-1460 PCI-to-Fibre Channel
Controller
The 2Gb-enabled JNIC-1460 offers a flexible
architecture that can be easily integrated
into a variety of I/O applications. combines.
With Full-Duplex Fibre Channel data transfer
rates of up to 400 MB/s and a 64-bit, 66 MHz
PCI host interface, it delivers the unparalleled
I/O performance demanded by next-genera-
tion SAN appliances.
This powerful ASIC integrates a wide array of
advanced I/O technologies to enhance total
system performance. Starting with an embed-
ded I/O engine that performs real-time con-
text switching to maximize SAN data
throughput, the engine can queue up to 254
active exchanges on-chip. Additional active
exchanges can be accommodated on the
local memory port. JNIC-1460 proprietary data
flow architecture allows for a very efficient, low
latency data path for both receive and trans-
mit channels. An integrated RISC-based I/O
engine with large instruction RAM significantly
reduces host CPU utilization while requiring
less than one interrupt per I/O operation. This
makes the JNIC-1460 an ideal candidate for
high-end servers and external Fibre Channel
storage applications.
The JNIC-1560 Dual Channel
PCI-X-to-Fibre Channel Controller
This fifth-generation Fibre Channel I/O con-
troller provides two fully independent, high
performance FC ports for high bandwidth I/O
paths to a storage area network (SAN). The
controller can sustain an unprecedented 800
MB I/O, the highest in its class. Furthermore, it
can burst to the host system at full PCI-X
speed of 1.064 GB. Two integrated multi-task
RISC-based I/O engines minimize host CPU
overhead, making the JNIC-1560 an ideal can-
didate for high-end servers and high-perform-
ance embedded storage applications.
The JNIC-1560 employs a wide array of I/O
technologies to enhance total system per-
formance. The two embedded engines handle
context switching to maximize data through-
put in an enterprise SAN environment, where
a large number of initiators and targets are
integrated to make up the SAN. These on-
board engines can each queue up to 254 on-
chip active exchanges per channel. Optionally,
they can operate on over 32,000 locally stored
active exchanges. These engines employ a
unique I/O delivery scheme that continuously
chains I/Os as issued by the operating system,
reducing the number of system interrupts per
I/O to below one.
With support for 126 individual AL_PA aliases
per port, the JNIC-1560 is well-suited for custom
embedded target applications. Its low power
dissipation eliminates the requirement of a heat
sink in physically confined environments.
Benefits
JNIC-1460
• Support for 1 or 2Gb SANs
• Two independent controllers assure
full throughput for each port
JNIC-1560
• Dual independent Fibre Channel
(FC) ports offer a sustained
bandwidth of 800MB/s with a
maximum burst rate of 1.064GB


Similar Description - JNIC-1560

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPFC-5100 HP-HPFC-5100 Datasheet
166Kb / 4P
   Tachyon TL 33 MHz PCI to Fibre Channel Controller
logo
List of Unclassifed Man...
I72120 ETC-I72120 Datasheet
173Kb / 3P
   PCI to GPIB interface ASIC
QLA2350 ETC-QLA2350 Datasheet
1Mb / 2P
   2-Gb Fibre Channel to PCI-X Host Bus Adapters
logo
PLX Technology
PEX8114 PLX-PEX8114 Datasheet
1Mb / 4P
   PCI Express-to-PCI/PCI-X Bridge
logo
AVAGO TECHNOLOGIES LIMI...
PEX8114 AVAGO-PEX8114 Datasheet
1Mb / 4P
   PCI Express-to-PCI/PCI-X Bridge
logo
List of Unclassifed Man...
PEX8114 ETC1-PEX8114 Datasheet
1Mb / 4P
   ExpressLane??PCI Express-to-PCI/PCI-X Bridge
logo
Silicon image
SII3124A SILICONIMAGE-SII3124A Datasheet
591Kb / 88P
   PCI-X to Serial ATA Controller
logo
Pericom Semiconductor C...
PI7C21P100B PERICOM-PI7C21P100B Datasheet
1Mb / 79P
   2-PORT PCI-X TO PCI-X BRIDGE
logo
PLX Technology
PCI6520 PLX-PCI6520 Datasheet
323Kb / 1P
   Transparent FastLane??PCI-X -to- PCI-X Bridge
logo
Pericom Semiconductor C...
PI7C9X130 PERICOM-PI7C9X130 Datasheet
1Mb / 157P
   PCI Express to PCI-X Reversible Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com