Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR609LTS06 Datasheet(PDF) 3 Page - Power Semiconductors

Part # AR609LTS06
Description  RECTIFIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AR609LTS06 Datasheet(HTML) 3 Page - Power Semiconductors

  AR609LTS06 Datasheet HTML 1Page - Power Semiconductors AR609LTS06 Datasheet HTML 2Page - Power Semiconductors AR609LTS06 Datasheet HTML 3Page - Power Semiconductors AR609LTS06 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AR609LT RECTIFIER DIODE
FINAL SPECIFICATION
set 02 - ISSUE : 04
DISSIPATION CHARACTERISTICS
SINE WAVE
180°
120°
90°
60°
30°
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
0
2000
4000
6000
8000
10000
IF(AV) [A]
PF(AV) [W]
180°
120°
90°
60°
30°
50
70
90
110
130
150
170
190
210
0
2000
4000
6000
8000
10000
IF(AV) [A]
Th [°C]
POSEICO SPA
POwer SEmiconductors Italian COrporation
POSEICO


Similar Part No. - AR609LTS06

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AR609 POSEICO-AR609 Datasheet
304Kb / 4P
   RECTIFIER DIODE
AR609S06 POSEICO-AR609S06 Datasheet
304Kb / 4P
   RECTIFIER DIODE
More results

Similar Description - AR609LTS06

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com