Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10BQ060 Datasheet(PDF) 2 Page - International Rectifier

Part # 10BQ060
Description  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10BQ060 Datasheet(HTML) 2 Page - International Rectifier

  10BQ060 Datasheet HTML 1Page - International Rectifier 10BQ060 Datasheet HTML 2Page - International Rectifier 10BQ060 Datasheet HTML 3Page - International Rectifier 10BQ060 Datasheet HTML 4Page - International Rectifier 10BQ060 Datasheet HTML 5Page - International Rectifier 10BQ060 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
10BQ060PbF
Bulletin PD-20785 07/04
2
www.irf.com
Part number
10BQ060PbF
V
R
Max. DC Reverse Voltage (V)
V
RWM Max. Working Peak Reverse Voltage (V)
60
Voltage Ratings
V
FM
Max. Forward Voltage Drop
(1)
0.6
V
@ 1A
* See Fig. 1
0.76
V
@ 2A
0.57
V
@ 1A
0.69
V
@ 2A
I
RM
Max. Reverse Leakage Current (1)
0.1
mA
T
J =
25 °C
* See Fig. 2
5.0
mA
T
J = 125 °C
C
T
Typical Junction Capacitance
62
pF
V
R = 5VDC (test signal range 100kHz to 1MHz) 25°C
L
S
Typical Series Inductance
2.0
nH
Measured lead to lead 5mm from package body
dv/dt Max. Volatge Rate of Charge
10000
V/ µs
(Rated VR)
T
J =
25 °C
T
J = 125 °C
V
R = rated VR
Electrical Specifications
Parameters
10BQ Units
Conditions
(1) Pulse Width < 300µs, Duty Cycle < 2%
I
F(AV) Max. Average Forward Current
1.0
A
50% duty cycle @ T
L = 103 °C, rectangular wave form
I
FSM
Max. Peak One Cycle Non-Repetitive
700
A
5µs Sine or 3µs Rect. pulse
Surge Current
42
10ms Sine or 6ms Rect. pulse
E
AS
Non- Repetitive Avalanche Energy
2.0
mJ
T
J = 25 °C, IAS = 1A, L = 4mH
I
AR
Repetitive Avalanche Current
1.0
A
Current decaying linearly to zero in 1 µsec
Frequency limited by T
J max. Va = 1.5 x Vr typical
Parameters
10BQ Units Conditions
Absolute Maximum Ratings
Following any rated
load condition and
with rated V
RRM applied
TJ
Max.Junction Temperature Range (*) - 55 to 150
°C
T
stg
Max. Storage Temperature Range
- 55 to 150
°C
R
thJL Max. Thermal Resistance Junction
36
°C/W DC operation
to Lead
(**)
R
thJA Max. Thermal Resistance Junction
80
°C/W
to Ambient
wt
Approximate Weight
0.10(0.003) g (oz.)
Case Style
SMB
Similar DO-214AA
Device Marking
IR1H
Thermal-Mechanical Specifications
Parameters
10BQ
Units
Conditions
<
thermal runaway condition for a diode on its own heatsink
(**) Mounted 1 inch square PCB
(*) dPtot
1
dTj
Rth( j-a)


Similar Part No. - 10BQ060

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10BQ060 IRF-10BQ060 Datasheet
209Kb / 4P
   SCHOTTKY RECTIFIER, 1Amp
10BQ060 IRF-10BQ060 Datasheet
231Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
10BQ060 VISHAY-10BQ060 Datasheet
105Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 16-Apr-08
logo
Sangdest Microelectroni...
10BQ060 SMC-10BQ060 Datasheet
178Kb / 6P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
10BQ060 SMCDIODE-10BQ060 Datasheet
289Kb / 4P
   10BQ060 SCHOTTKY RECTIFIER
Rev. B
More results

Similar Description - 10BQ060

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com