Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR508PC Datasheet(PDF) 1 Page - Power Semiconductors

Part # AR508PC
Description  RECTIFIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AR508PC Datasheet(HTML) 1 Page - Power Semiconductors

  AR508PC Datasheet HTML 1Page - Power Semiconductors AR508PC Datasheet HTML 2Page - Power Semiconductors AR508PC Datasheet HTML 3Page - Power Semiconductors AR508PC Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RECTIFIER DIODE
AR508PC
Repetitive voltage up to
600 V
Mean forward current
6000 A
Surge current
55 kA
FINAL SPECIFICATION
lug 02 - ISSUE : 2
Symbol
Characteristic
Conditions
Tj
[°C]
Value
Unit
BLOCKING
V RRM
Repetitive peak reverse voltage
190
600
V
V RSM
Non-repetitive peak reverse voltage
190
700
V
I RRM
Repetitive peak reverse current
V=VRRM
190
75
mA
CONDUCTING
I F (AV)
Mean forward current
180° sin ,50 Hz, Th=55°C, double side cooled
6000
A
I F (AV)
Mean forward current
180° sin ,50 Hz, Tc=85°C, double side cooled
6400
A
I FSM
Surge forward current
Sine wave, 10 ms
190
55
kA
I² t
I² t
without reverse voltage
15125 x 1E3
A²s
V FM
Forward voltage
Forward current =
4500 A
190
0.88
V
V F(TO)
Threshold voltage
190
0.70
V
r F
Forward slope resistance
190
0.040
mohm
SWITCHING
t rr
Reverse recovery time
µs
Q rr
Reverse recovery charge
190
µC
I rr
Peak reverse recovery current
A
MOUNTING
R th(j-h)
Thermal impedance, DC
Junction to heatsink, double side cooled
17
°C/kW
R th(c-h)
Thermal impedance
Case to heatsink, double side cooled
5
°C/kW
T j
Operating junction temperature
-30 /
190
°C
F
Mounting force
20.0
/ 22.0
kN
Mass
150
g
ORDERING INFORMATION : AR508PC S 06
standard specification
VRRM/100
POSEICO SPA
POwer SEmiconductors Italian COrporation
POSEICO
POSEICO SPA
Via N. Lorenzi 8, 16152 Genova - ITALY
Tel. ++ 39 010 6556234 - Fax ++ 39 010 6557519
Sales Office:
Tel. ++ 39 010 6556775 - Fax ++ 39 010 6442510


Similar Part No. - AR508PC

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
AR508 SHUNYE-AR508 Datasheet
249Kb / 2P
   AUTOMOTIVE BUTTON DIODE
logo
Power Semiconductors
AR508LT POSEICO-AR508LT Datasheet
182Kb / 4P
   RECTIFIER DIODE
AR508LTS06 POSEICO-AR508LTS06 Datasheet
182Kb / 4P
   RECTIFIER DIODE
More results

Similar Description - AR508PC

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com