Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4A0857 Datasheet(PDF) 1 Page - Anaren Microwave

Part # 4A0857
Description  Power Dividers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

4A0857 Datasheet(HTML) 1 Page - Anaren Microwave

  4A0857 Datasheet HTML 1Page - Anaren Microwave 4A0857 Datasheet HTML 2Page - Anaren Microwave 4A0857 Datasheet HTML 3Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model 4A0857
Power Dividers
8-Way
Outline Drawing
Applications_____________
Phased Arrays
Antenna Feed Networks
Image Reject Mixers
Test Systems
LO Power Dividers
Features________________
Military Grade
5.7 – 6.5 GHz
8-Way Power Split
In-Phase
Connectors Per MIL-C-39012
Rugged Aluminum Housing
Low VSWR
Meets MIL-E-5400 Class 3 Requirements
NOTES: Input power with load VSWR of 1.20:1
Electrical and Mechanical Specifications subject to change without notice


Similar Part No. - 4A0857

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
4A0857 ANAREN-4A0857 Datasheet
464Kb / 4P
   Power Dividers 8-Way
4A0857 ANAREN-4A0857_14 Datasheet
464Kb / 4P
   Power Dividers 8-Way
More results

Similar Description - 4A0857

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
40266 ANAREN-40266_14 Datasheet
211Kb / 4P
   Power Dividers
40255 ANAREN-40255 Datasheet
597Kb / 3P
   Power Dividers
40256 ANAREN-40256 Datasheet
625Kb / 3P
   Power Dividers
40260 ANAREN-40260 Datasheet
202Kb / 3P
   Power Dividers
40263 ANAREN-40263 Datasheet
207Kb / 3P
   Power Dividers
40269 ANAREN-40269 Datasheet
524Kb / 3P
   Power Dividers
41620 ANAREN-41620 Datasheet
195Kb / 3P
   Power Dividers
41690 ANAREN-41690 Datasheet
150Kb / 3P
   Power Dividers
logo
API Technologies Corp
4142 APITECH-4142 Datasheet
175Kb / 2P
   POWER DIVIDERS
logo
Anaren Microwave
4J0267 ANAREN-4J0267 Datasheet
164Kb / 2P
   Power Dividers
40287 ANAREN-40287_14 Datasheet
264Kb / 4P
   Power Dividers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com