Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURB1520-1TRR Datasheet(PDF) 2 Page - International Rectifier

Part # MURB1520-1TRR
Description  Ultrafast Rectifier ( trr = 35ns , IF(AV) = 15Amp , VR = 200V )
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MURB1520-1TRR Datasheet(HTML) 2 Page - International Rectifier

  MURB1520-1TRR Datasheet HTML 1Page - International Rectifier MURB1520-1TRR Datasheet HTML 2Page - International Rectifier MURB1520-1TRR Datasheet HTML 3Page - International Rectifier MURB1520-1TRR Datasheet HTML 4Page - International Rectifier MURB1520-1TRR Datasheet HTML 5Page - International Rectifier MURB1520-1TRR Datasheet HTML 6Page - International Rectifier MURB1520-1TRR Datasheet HTML 7Page - International Rectifier MURB1520-1TRR Datasheet HTML 8Page - International Rectifier MURB1520-1TRR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MURB1520PbF, MURB1520-1PbF
Bulletin PD-21082 rev. A 02/06
2
www.irf.com
VBR, Vr
Breakdown Voltage,
200
-
-
V
IR = 100µA
Blocking Voltage
VF
Forward Voltage
-
-
1.05
V
IF = 15A
-
-
0.85
V
IF = 15A, TJ = 150°C
IR
Reverse Leakage Current
-
-
10
µA
VR = VR Rated
-
-
500
µA
TJ = 150°C, VR = VR Rated
CT
Junction Capacitance
-
55
-
pF
VR = 200V
LS
Series Inductance
-
8.0
-
nH
.
Parameters
Min
Typ
Max
Units
TJ
Max. Junction Temperature Range
- 65
-
175
°C
TStg
Max. Storage Temperature Range
- 65
-
175
RthJC
Thermal Resistance, Junction to Case
-
-
1.5
°C/ W
RthJA
Thermal Resistance, Junction to Ambient
-
-
50
RthCS
Thermal Resistance, Case to Heatsink
-
0.5
-
Wt
Weight
-
2.0
-
g
-
0.07
-
(oz)
Mounting Torque
6.0
-
12
Kg-cm
5.0
-
10
lbf.in
Device Marking
MURB1520
Case style D2Pak
MURB1520-1
Case style TO-262
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Thermal - Mechanical Characteristics
trr
Reverse Recovery Time
--
35
ns
IF = 1.0A, diF/dt = 50A/µs, VR = 30V
-22
-
TJ = 25°C
-39
-
TJ = 125°C
IRRM
Peak Recovery Current
-
1.6
-
A
TJ = 25°C
-
4.1
-
TJ = 125°C
Qrr
Reverse Recovery Charge
-
19
-
nC
TJ = 25°C
-90
-
TJ = 125°C
Dynamic Recovery Characteristics @ TJ = 25°C (unless otherwise specified)
I
F = 15A
VR = 160V
diF /dt = 200A/µs
Mounting Surface, Flat, Smooth and Greased
Parameters
Min Typ Max Units Test Conditions
Parameters
Min Typ Max Units Test Conditions
Measured lead to lead 5mm from package body


Similar Part No. - MURB1520-1TRR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MURB1520-1TRR VISHAY-MURB1520-1TRR Datasheet
115Kb / 7P
   Ultrafast Rectifier, 15 A FRED PtTM
Revision: 24-Jun-08
MURB1520-1TRRPBF VISHAY-MURB1520-1TRRPBF Datasheet
120Kb / 7P
   Ultrafast Rectifier, 15 A FRED PtTM
Revision: 05-Sep-08
MURB1520-1TRRPBF VISHAY-MURB1520-1TRRPBF Datasheet
170Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
More results

Similar Description - MURB1520-1TRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MUR3020WT IRF-MUR3020WT Datasheet
167Kb / 7P
   Ultrafast Rectifier (trr = 35ns , IF(AV) = 30Amp , VR = 200V)
logo
Silicon Supplies
MURC1520 SS-MURC1520 Datasheet
1Mb / 4P
   200V 15A 35ns Rectifier
Rev 1.0 27/12/22
logo
International Rectifier
6CWQ06FNPBF IRF-6CWQ06FNPBF Datasheet
175Kb / 7P
   SCHOTTKY RECTIFIER 7 Amp IF(AV) = 7Amp VR = 60V
6CWQ04FNPBF IRF-6CWQ04FNPBF Datasheet
177Kb / 7P
   SCHOTTKY RECTIFIER 7 Amp IF(AV) = 7Amp VR = 40V
MBR1635PBF IRF-MBR1635PBF Datasheet
183Kb / 6P
   SCHOTTKY RECTIFIER 16 Amp (IF(AV) = 16Amp , VR = 35-45V )
logo
Fairchild Semiconductor
FFPF10UP60STU FAIRCHILD-FFPF10UP60STU Datasheet
2Mb / 4P
   Ultrafast Recovery trr = 40 ns (@ IF = 1 A)
logo
Taiwan Semiconductor Co...
UG54GS TSC-UG54GS Datasheet
262Kb / 5P
   5A, 200V Ultrafast Rectifier
logo
Sanken electric
FMNS-4606S SANKEN-FMNS-4606S Datasheet
251Kb / 6P
   VRM = 600 V, IF(AV) = 60 A, trr = 100 ns Fast Recovery Diode
CTXS-5306S SANKEN-CTXS-5306S Datasheet
269Kb / 6P
   VRM = 600 V, IF(AV) = 30 A, trr = 35 ns Fast Recovery Diode
CTXS-5606S SANKEN-CTXS-5606S Datasheet
276Kb / 6P
   VRM = 600 V, IF(AV) = 60 A, trr = 50 ns Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com