Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1540A Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1540A
Description  Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1540A Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1540A Datasheet HTML 1Page - Maxim Integrated Products MAX1540A Datasheet HTML 2Page - Maxim Integrated Products MAX1540A Datasheet HTML 3Page - Maxim Integrated Products MAX1540A Datasheet HTML 4Page - Maxim Integrated Products MAX1540A Datasheet HTML 5Page - Maxim Integrated Products MAX1540A Datasheet HTML 6Page - Maxim Integrated Products MAX1540A Datasheet HTML 7Page - Maxim Integrated Products MAX1540A Datasheet HTML 8Page - Maxim Integrated Products MAX1540A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
Dual Step-Down Controllers with Saturation
Protection, Dynamic Output, and Linear Regulator
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 15V, VCC = VDD = ON1 = ON2 = 5V, SKIP = GND, LDOIN (MAX1541) = V+, TA = 0°C to +85°C, unless otherwise noted. Typical
values are at TA = +25
°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
REFERENCE (REF)
TA = +25°C to +85
°C
1.986
2.00
2.014
Reference Voltage
VREF
VCC = 4.5V to 5.5V,
IREF = 0V
TA = 0°C to +85°C
1.983
2.00
2.017
V
Reference Load Regulation
ΔVREF
IREF = -10µA to +50µA
-0.01
+0.01
V
REF Lockout Voltage
VREF(UVLO) Rising edge, hysteresis = 350mV
1.95
V
REFIN1 (MAX1541)
Voltage Range
VREFIN
0.7
VREF
V
REFIN1 (MAX1541)
Input Bias Current
IREFIN1
0.01
0.05
µA
FAULT DETECTION
Overvoltage Trip Threshold
With respect to error-comparator threshold,
OVP/UVP = VCC
12
16
20
%
Overvoltage Fault-Propagation
Delay
tOVP
FB forced 2% above trip threshold
10
µs
Output Undervoltage-Protection
Trip Threshold
With respect to error-comparator threshold,
OVP/UVP = VCC
65
70
75
%
Output Undervoltage-Protection
Blanking Time
tBLANK
From rising edge of ON_
10
35
ms
Output Undervoltage Fault-
Propagation Delay
tUVP
10
µs
PGOOD_ Lower Trip Threshold
With respect to error-comparator threshold,
hysteresis = 1%
-13
-10
-7
%
PGOOD_ Upper Trip Threshold
With respect to error-comparator threshold,
hysteresis = 1%
+7
+10
+13
%
PGOOD_ Propagation Delay
tPGOOD_
FB forced 2% beyond PGOOD_ trip threshold
10
µs
PGOOD_ Output Low Voltage
ISINK = 4mA
0.3
V
PGOOD_ Leakage Current
IPGOOD_
FB = REF (PGOOD high impedance),
PGOOD forced to 5.5V
1µA
FBLANK = VCC
120
220
320
FBLANK = open
80
140
205
Fault-Blanking Time
(MAX1541 Only)
tFBLANK
FBLANK = REF
35
65
95
µs
LDOON = VCC
+150
Thermal-Shutdown Threshold
TSHDN
Hysteresis = 10°C
LDOON = GND
+160
°C
VCC Undervoltage-Lockout
Threshold
VUVLO(VCC)
Rising edge, PWM disabled below this
level, hysteresis = 20mV
4.1
4.25
4.4
V
CURRENT LIMIT
ILIM_ Adjustment Range
0.25
2
V
CSP_
0
2.7
Current-Limit Input Range
CSN_
-0.3
+28
V
CSP_/CSN_ Input Current
0.5
µA


Similar Part No. - MAX1540A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1540AETJ MAXIM-MAX1540AETJ Datasheet
780Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
More results

Similar Description - MAX1540A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1540 MAXIM-MAX1540 Datasheet
834Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 2; 1/05
MAX1540AETJ MAXIM-MAX1540AETJ Datasheet
780Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1992 MAXIM-MAX1992 Datasheet
543Kb / 36P
   Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
Maxim Integrated Produc...
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
   Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
logo
Skyworks Solutions Inc.
AAT2505 SKYWORKS-AAT2505 Datasheet
3Mb / 23P
   Dual Channel, Step-Down Converter/Linear Regulator
logo
Advanced Analogic Techn...
AAT2505 ANALOGICTECH-AAT2505 Datasheet
843Kb / 26P
   Dual Channel, Step-Down Converter/Linear Regulator
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Current Step-Down DC-DC And Dual Linear Regulator
LP3906SQ-JXXI TI-LP3906SQ-JXXI Datasheet
3Mb / 47P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com