Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4PC50UPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRG4PC50UPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC50UPBF Datasheet(HTML) 8 Page - International Rectifier

  IRG4PC50UPBF Datasheet HTML 1Page - International Rectifier IRG4PC50UPBF Datasheet HTML 2Page - International Rectifier IRG4PC50UPBF Datasheet HTML 3Page - International Rectifier IRG4PC50UPBF Datasheet HTML 4Page - International Rectifier IRG4PC50UPBF Datasheet HTML 5Page - International Rectifier IRG4PC50UPBF Datasheet HTML 6Page - International Rectifier IRG4PC50UPBF Datasheet HTML 7Page - International Rectifier IRG4PC50UPBF Datasheet HTML 8Page - International Rectifier IRG4PC50UPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IRG4PC50UPbF
8
www.irf.com
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 04/04
TO-247AC Part Marking Information
EXAMPLE:
AS S EMB LE D ON WW 35, 2000
LOT CODE 5657
WIT H AS S E MB LY
T HIS IS AN IRF PE30
IN T HE ASSE MB LY LINE "H"
035H
LOGO
INT E RNAT IONAL
RE CT IF IE R
IRF PE30
LOT CODE
ASSEMB LY
56
57
PART NUMB ER
DAT E CODE
YE AR 0 = 2000
WEE K 35
LINE H
Note: "P" in assembly line
position indicates "Lead-Free"
TO-247AC Package Outline
Dimensions are shown in millimeters (inches)


Similar Part No. - IRG4PC50UPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PC50UPBF IRF-IRG4PC50UPBF Datasheet
641Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC50UPBF IRF-IRG4PC50UPBF_15 Datasheet
641Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG4PC50UPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PC60UPBF IRF-IRG4PC60UPBF Datasheet
236Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC40UPBF IRF-IRG4PC40UPBF Datasheet
633Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4BC40UPBF IRF-IRG4BC40UPBF Datasheet
226Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC60U-PPBF IRF-IRG4PC60U-PPBF Datasheet
235Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC60U-P IRF-IRG4PC60U-P Datasheet
123Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC30UPBF IRF-IRG4PC30UPBF Datasheet
273Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
logo
Vishay Siliconix
VS-GA200SA60UP VISHAY-VS-GA200SA60UP Datasheet
153Kb / 8P
   Insulated Gate Bipolar Transistor (Ultrafast Speed IGBT), 100 A
Revision: 26-Oct-11
GA200SA60UP VISHAY-GA200SA60UP Datasheet
153Kb / 8P
   Insulated Gate Bipolar Transistor (Ultrafast Speed IGBT), 100 A
Revision: 26-Oct-11
logo
International Rectifier
IRGMC50F IRF-IRGMC50F Datasheet
552Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT
IRG4BC30S-SPBF IRF-IRG4BC30S-SPBF Datasheet
212Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com