Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU120PBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRFU120PBF
Description  HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.27廓 , ID = 7.7A )
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU120PBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRFU120PBF Datasheet HTML 2Page - International Rectifier IRFU120PBF Datasheet HTML 3Page - International Rectifier IRFU120PBF Datasheet HTML 4Page - International Rectifier IRFU120PBF Datasheet HTML 5Page - International Rectifier IRFU120PBF Datasheet HTML 6Page - International Rectifier IRFU120PBF Datasheet HTML 7Page - International Rectifier IRFU120PBF Datasheet HTML 8Page - International Rectifier IRFU120PBF Datasheet HTML 9Page - International Rectifier IRFU120PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRFR/U120PbF
www.irf.com
7
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
• dv/dt controlled by RG
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer
* Reverse Polarity for P-Channel
** Use P-Channel Driver for P-Channel Measurements
Peak Diode Recovery dv/dt Test Circuit
*** VGS = 5.0V for Logic Level and 3V Drive Devices
Fig-14 For N -Channel HEXFETS


Similar Part No. - IRFU120PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFU120PBF VISHAY-IRFU120PBF Datasheet
1Mb / 8P
   IRFR120
S-Pending-Rev. A, 21-Jul-08
logo
Kersemi Electronic Co.,...
IRFU120PBF KERSEMI-IRFU120PBF Datasheet
4Mb / 7P
   Power MOSFET
logo
Vishay Siliconix
IRFU120PBF VISHAY-IRFU120PBF Datasheet
838Kb / 13P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRFU120PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI9530G IRF-IRFI9530G Datasheet
174Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=0.30ohm, Id=-7.7A)
IRFP3710PBF IRF-IRFP3710PBF Datasheet
233Kb / 9P
   HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.025廓 , ID = 57A )
IRFD9110PBF IRF-IRFD9110PBF Datasheet
1Mb / 8P
   HEXFET POWER MOSFET ( VDSS = -100V , RDS(on) = 1.2廓 , ID = -0.70A )
IRL2910PBF IRF-IRL2910PBF Datasheet
1Mb / 9P
   HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.026廓 , ID = 55A )
IRLI530GPBF IRF-IRLI530GPBF Datasheet
937Kb / 7P
   HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.16廓 , ID=9.7A )
IRL530NSPBF IRF-IRL530NSPBF Datasheet
465Kb / 11P
   HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.10廓 , ID=17A )
IRC540PBF IRF-IRC540PBF Datasheet
1Mb / 9P
   HEXFET POWER MOSFET ( VDSS=100V , RDS(on)=0.077廓 , ID=28A )
IRFR9120NPBF IRF-IRFR9120NPBF Datasheet
262Kb / 11P
   HEXFET Power MOSFET ( VDSS = -100V , RDS(on) = 0.48廓 , ID = -6.6A )
IRLI530G IRF-IRLI530G Datasheet
175Kb / 6P
   HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.16廓 , ID=9.7A )
IRF9540NSPBF IRF-IRF9540NSPBF Datasheet
331Kb / 11P
   HEXFET POWER MOSFET (VDSS = -100V , RDS(on) = 117m廓 , ID = -23A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com