Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFD320PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRFD320PBF
Description  HEXFET POWER MOSFET ( VDSS=400V , RDS(on)=1.8廓 , ID=0.49A )
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFD320PBF Datasheet(HTML) 3 Page - International Rectifier

  IRFD320PBF Datasheet HTML 1Page - International Rectifier IRFD320PBF Datasheet HTML 2Page - International Rectifier IRFD320PBF Datasheet HTML 3Page - International Rectifier IRFD320PBF Datasheet HTML 4Page - International Rectifier IRFD320PBF Datasheet HTML 5Page - International Rectifier IRFD320PBF Datasheet HTML 6Page - International Rectifier IRFD320PBF Datasheet HTML 7Page - International Rectifier IRFD320PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRFD320PbF
www.irf.com
3


Similar Part No. - IRFD320PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFD320PBF VISHAY-IRFD320PBF Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 23-Jun-08
More results

Similar Description - IRFD320PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF720SPBF IRF-IRF720SPBF Datasheet
974Kb / 8P
   HEXFET POWER MOSFET (VDSS = 400V , RDS(on) = 1.8廓 , ID = 3.3A )
IRFD320 IRF-IRFD320 Datasheet
478Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=0.49A)
IRFR310PBF IRF-IRFR310PBF Datasheet
1Mb / 10P
   HEXFET POWER MOSFET ( VDSS=400V , RDS(on)=3.6廓 , ID=1.7A )
IRF740SPBF IRF-IRF740SPBF Datasheet
943Kb / 8P
   HEXFET POWER MOSFET ( VDSS=400V , RDS(on)=0.55廓 , ID=10A )
IRFP3710PBF IRF-IRFP3710PBF Datasheet
233Kb / 9P
   HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.025廓 , ID = 57A )
IRFZ48RSPBF IRF-IRFZ48RSPBF Datasheet
255Kb / 10P
   HEXFET POWER MOSFET ( VDSS = 60V , RDS(on) = 0.018廓 , ID = 50A )
IRFD9110PBF IRF-IRFD9110PBF Datasheet
1Mb / 8P
   HEXFET POWER MOSFET ( VDSS = -100V , RDS(on) = 1.2廓 , ID = -0.70A )
IRL640PBF IRF-IRL640PBF Datasheet
930Kb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.18廓 , ID = 17A )
IRF630PBF IRF-IRF630PBF Datasheet
2Mb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
IRFR9210PBF IRF-IRFR9210PBF Datasheet
1Mb / 10P
   HEXFET POWER MOSFET ( VDSS = -200V , RDS(on) = 3.0廓 , ID = -1.9A )
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com