Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF1407SPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF1407SPBF
Description  HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF1407SPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRF1407SPBF Datasheet HTML 2Page - International Rectifier IRF1407SPBF Datasheet HTML 3Page - International Rectifier IRF1407SPBF Datasheet HTML 4Page - International Rectifier IRF1407SPBF Datasheet HTML 5Page - International Rectifier IRF1407SPBF Datasheet HTML 6Page - International Rectifier IRF1407SPBF Datasheet HTML 7Page - International Rectifier IRF1407SPBF Datasheet HTML 8Page - International Rectifier IRF1407SPBF Datasheet HTML 9Page - International Rectifier IRF1407SPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IRF1407S/LPbF
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
R G
IAS
0.01
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
20V
Fig 14. Threshold Voltage Vs. Temperature
25
50
75
100
125
150
175
0
130
260
390
520
650
Starting T , Junction Temperature
( C)
J
°
ID
TOP
BOTTOM
32A
55A
78A
-75 -50 -25
0
25
50
75 100 125 150 175 200
TJ , Temperature ( °C )
1.5
2.0
2.5
3.0
3.5
ID = 250µA


Similar Part No. - IRF1407SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1407SPBF IRF-IRF1407SPBF Datasheet
259Kb / 12P
   Advanced Process Technology
logo
Infineon Technologies A...
IRF1407SPBF INFINEON-IRF1407SPBF Datasheet
578Kb / 12P
   HEXFET짰 Power MOSFET
2016-5-26
logo
International Rectifier
IRF1407SPBF IRF-IRF1407SPBF_15 Datasheet
259Kb / 12P
   Advanced Process Technology
More results

Similar Description - IRF1407SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1407S IRF-IRF1407S Datasheet
159Kb / 11P
   Power MOSFET(Vdss = 75V, Rds(on) = 0.0078?? Id = 100A??
IRFZ44VZPBF IRF-IRFZ44VZPBF Datasheet
355Kb / 13P
   HEXFET짰 Power MOSFET ( VDSS = 60V , RDS(on) = 12m廓 , ID = 57A )
IRFR5305PBF IRF-IRFR5305PBF Datasheet
248Kb / 11P
   HEXFET짰 Power MOSFET ( VDSS = -55V , RDS(on) = 0.065廓 , ID = -31A )
IRFR4104PBF IRF-IRFR4104PBF Datasheet
273Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 5.5m廓 , ID = 42A )
IRFP054VPBF IRF-IRFP054VPBF Datasheet
176Kb / 9P
   HEXFET짰 Power MOSFET ( VDSS = 60V , RDS(on) = 9.0m廓 , ID = 93A )
IRF1405ZS-7PPBF IRF-IRF1405ZS-7PPBF Datasheet
696Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 120A )
IRF3710SPBF IRF-IRF3710SPBF Datasheet
279Kb / 11P
   HEXFET짰 Power MOSFET ( VDSS = 100V , RDS(on) = 23m廓 , ID = 57A )
IRFP2907PBF IRF-IRFP2907PBF Datasheet
207Kb / 10P
   AUTOMOTIVE MOSFET (VDSS = 75V , RDS(on) = 4.5m廓 , ID = 209A)
IRFZ46N IRF-IRFZ46N_04 Datasheet
190Kb / 9P
   HEXFET짰 Power MOSFET(VDSS = 55V,RDS(on) = 16.5m廓,ID = 53A)
IRFZ44ZPBF IRF-IRFZ44ZPBF Datasheet
291Kb / 13P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 13.9m廓 , ID = 51A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com