Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRC540PBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRC540PBF
Description  HEXFET POWER MOSFET ( VDSS=100V , RDS(on)=0.077廓 , ID=28A )
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRC540PBF Datasheet(HTML) 8 Page - International Rectifier

  IRC540PBF Datasheet HTML 1Page - International Rectifier IRC540PBF Datasheet HTML 2Page - International Rectifier IRC540PBF Datasheet HTML 3Page - International Rectifier IRC540PBF Datasheet HTML 4Page - International Rectifier IRC540PBF Datasheet HTML 5Page - International Rectifier IRC540PBF Datasheet HTML 6Page - International Rectifier IRC540PBF Datasheet HTML 7Page - International Rectifier IRC540PBF Datasheet HTML 8Page - International Rectifier IRC540PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IRC540PbF
8
www.irf.com


Similar Part No. - IRC540PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
More results

Similar Description - IRC540PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRFP3710PBF IRF-IRFP3710PBF Datasheet
233Kb / 9P
   HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.025廓 , ID = 57A )
IRFD9110PBF IRF-IRFD9110PBF Datasheet
1Mb / 8P
   HEXFET POWER MOSFET ( VDSS = -100V , RDS(on) = 1.2廓 , ID = -0.70A )
IRL2910PBF IRF-IRL2910PBF Datasheet
1Mb / 9P
   HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.026廓 , ID = 55A )
IRLI530GPBF IRF-IRLI530GPBF Datasheet
937Kb / 7P
   HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.16廓 , ID=9.7A )
IRL530NSPBF IRF-IRL530NSPBF Datasheet
465Kb / 11P
   HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.10廓 , ID=17A )
IRFR120PBF IRF-IRFR120PBF Datasheet
2Mb / 10P
   HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.27廓 , ID = 7.7A )
IRFR9120NPBF IRF-IRFR9120NPBF Datasheet
262Kb / 11P
   HEXFET Power MOSFET ( VDSS = -100V , RDS(on) = 0.48廓 , ID = -6.6A )
IRLI530G IRF-IRLI530G Datasheet
175Kb / 6P
   HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.16廓 , ID=9.7A )
IRF9540NSPBF IRF-IRF9540NSPBF Datasheet
331Kb / 11P
   HEXFET POWER MOSFET (VDSS = -100V , RDS(on) = 117m廓 , ID = -23A )
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com