Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC157MTC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74VHC157MTC
Description  Quad 2-Input Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC157MTC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VHC157MTC Datasheet HTML 1Page - Fairchild Semiconductor 74VHC157MTC Datasheet HTML 2Page - Fairchild Semiconductor 74VHC157MTC Datasheet HTML 3Page - Fairchild Semiconductor 74VHC157MTC Datasheet HTML 4Page - Fairchild Semiconductor 74VHC157MTC Datasheet HTML 5Page - Fairchild Semiconductor 74VHC157MTC Datasheet HTML 6Page - Fairchild Semiconductor 74VHC157MTC Datasheet HTML 7Page - Fairchild Semiconductor 74VHC157MTC Datasheet HTML 8Page - Fairchild Semiconductor 74VHC157MTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
tm
May 2007
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC157 Rev. 1.2
74VHC157
Quad 2-Input Multiplexer
Features
High Speed: tPD = 4.1ns (Typ.) at VCC = 5V
Low power dissipation: ICC = 4µA (Max.) at TA = 25°C
High noise immunity: VNIH = VNIL = 28% VCC (Min.)
Power down protection is provided on all inputs
Low noise: VOLP = 0.8V (Max.)
Pin and function compatible with 74HC157
General Description
The VHC157 is an advanced high speed CMOS Quad
2-Channel Multiplexer fabricated with silicon gate CMOS
technology. It achieves the high speed operation similar
to equivalent Bipolar Schottky TTL while maintaining the
CMOS low power dissipation.
It consists of four 2-input digital multiplexers with com-
mon select and enable inputs. When the ENABLE input
is held “H” level, selection of data is inhibited and all the
outputs become “L” level. The SELECT decoding deter-
mines whether the I0x or I1x inputs get routed to their cor-
responding outputs.
An Input protection circuit ensures that 0V to 7V can be
applied to the input pins without regard to the supply
voltage. This device can be used to interface 5V to 3V
systems and on two supply systems such as battery
back up. This circuit prevents device destruction due to
mismatched supply and input voltages.
Ordering Information
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the
ordering number.
Connection Diagram
Pin Description
Order Number
Package
Number
Package Description
74VHC157M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150”
Narrow
74VHC157SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC157MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide
Pin Names
Description
I0a–I0d
Source 0 Data Inputs
I1a–I1d
Source 1 Data Inputs
E
Enable Input
S
Select Input
Za–Zd
Outputs


Similar Part No. - 74VHC157MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC157MTC FAIRCHILD-74VHC157MTC Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
74VHC157MTC ONSEMI-74VHC157MTC Datasheet
339Kb / 12P
   Quad 2-Input Multiplexer
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHC157MTCX FAIRCHILD-74VHC157MTCX Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
More results

Similar Description - 74VHC157MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com