Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B57871 Datasheet(PDF) 7 Page - EPCOS

Part # B57871
Description  NTC thermistors for temperature measurement
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57871 Datasheet(HTML) 7 Page - EPCOS

Back Button B57871 Datasheet HTML 3Page - EPCOS B57871 Datasheet HTML 4Page - EPCOS B57871 Datasheet HTML 5Page - EPCOS B57871 Datasheet HTML 6Page - EPCOS B57871 Datasheet HTML 7Page - EPCOS B57871 Datasheet HTML 8Page - EPCOS B57871 Datasheet HTML 9Page - EPCOS B57871 Datasheet HTML 10Page - EPCOS B57871 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
B57871S0212J000
R/T No.
1008
T (
°C)
B25/100 = 3560 K, R25 = 2100
Ω, T
R = 25
°C, ∆R
R/RR =
± 5%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
50.0
851.4
800.6
902.3
6.0
1.8
3.4
55.0
717.6
673.5
761.6
6.1
1.9
3.3
60.0
608.0
569.7
646.3
6.3
2.0
3.2
65.0
519.0
485.5
552.5
6.5
2.1
3.1
70.0
444.8
415.4
474.3
6.6
2.2
3.1
75.0
382.1
356.2
407.9
6.8
2.3
3.0
80.0
329.3
306.5
352.0
6.9
2.4
2.9
85.0
285.4
265.3
305.5
7.1
2.5
2.8
90.0
248.3
230.4
266.1
7.2
2.6
2.8
95.0
217.1
201.2
233.0
7.3
2.7
2.7
100.0
190.6
176.4
204.8
7.4
2.8
2.6
105.0
167.2
154.6
179.9
7.6
3.0
2.6
110.0
147.2
135.9
158.5
7.7
3.1
2.5
115.0
130.0
119.8
140.1
7.8
3.2
2.4
120.0
115.0
105.9
124.2
7.9
3.3
2.4
125.0
102.3
94.05
110.5
8.0
3.4
2.3
130.0
91.17
83.73
98.61
8.2
3.6
2.3
135.0
81.32
74.59
88.04
8.3
3.7
2.2
140.0
72.69
66.61
78.78
8.4
3.8
2.2
145.0
65.20
59.67
70.73
8.5
4.0
2.1
150.0
58.61
53.58
63.64
8.6
4.1
2.1
155.0
52.91
48.32
57.50
8.7
4.3
2.0
B57871S0103F001
R/T No.
8016
T (
°C)
B25/100 = 3988 K, R25 = 10000
Ω, T
R = 25
°C, ∆R
R/RR =
± 1%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
55.0
963050
905700
1020400
6.0
0.8
7.4
50.0
670100
632940
707260
5.5
0.8
7.1
45.0
471690
447380
496000
5.2
0.7
6.9
40.0
336500
320420
352580
4.8
0.7
6.7
35.0
242590
231870
253310
4.4
0.7
6.4
30.0
177000
169790
184210
4.1
0.7
6.2
25.0
130370
125490
135250
3.7
0.6
6.0
20.0
97070
93743
100400
3.4
0.6
5.8
15.0
72929
70652
75206
3.1
0.6
5.6
10.0
55330
53765
56895
2.8
0.5
5.4
5.0
42315
41237
43393
2.5
0.5
5.3
0.0
32650
31907
33393
2.3
0.4
5.1
Temperature measurement
B57871
Leaded NTCs, lead spacing 2.5 mm
S871
Page 7 of 25
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B57871

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57871S EPCOS-B57871S Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
B57871S0103+001 EPCOS-B57871S0103+001 Datasheet
62Kb / 3P
   Temperature Measurement
logo
TDK Electronics
B57871S0103+001 TDK-B57871S0103+001 Datasheet
566Kb / 27P
   Leaded NTC thermistors
logo
EPCOS
B57871S0103+002 EPCOS-B57871S0103+002 Datasheet
62Kb / 3P
   Temperature Measurement
logo
TDK Electronics
B57871S0103+002 TDK-B57871S0103+002 Datasheet
566Kb / 27P
   Leaded NTC thermistors
More results

Similar Description - B57871

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com