Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KKX232-3.3 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KKX232-3.3
Description  Interface transceiver of RS-232 standard with one supply voltage
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KKX232-3.3 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KKX232-3.3 Datasheet HTML 1Page - KODENSHI_AUK CORP. KKX232-3.3 Datasheet HTML 2Page - KODENSHI_AUK CORP. KKX232-3.3 Datasheet HTML 3Page - KODENSHI_AUK CORP. KKX232-3.3 Datasheet HTML 4Page - KODENSHI_AUK CORP. KKX232-3.3 Datasheet HTML 5Page - KODENSHI_AUK CORP. KKX232-3.3 Datasheet HTML 6Page - KODENSHI_AUK CORP. KKX232-3.3 Datasheet HTML 7Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TECHNICAL DATA
Interface transceiver of RS-232 standard
KKX232-3.3
with one supply voltage
IC KKX232-3.3 is purposed for application in high-performance information processing systems and
control devices of wide application.
Input voltage levels are compatible with standard СMOS levels.
• Output voltage levels are compatible with input levels
of K-MOS, N-MOS and TTL integrated circuits.
• Supply voltage : 3.3V
• Low input current: 1.0 ㎂; 0.1 ㎂ at Т = 25 °С.
• Output current 24 mA.
• Latching current not less than 450 mA at Т = 25°С
Tolerable value of static potential not less than 2000V
Truth table
Inputs
Outputs
RIN, TIN
ROVT, TOVT
H
L
L
H
Note -
H – voltage high level;
L – low voltage level
IC marking in package
KKX232-3.3N Plastic DIP
KKX232-3.3D
SOIC
ТА= from -40 to 85
оС
For all packages
Pin symbols in package
KKX
232
C1+ 01
V+ 02
03
C2+ 04
05
06
07
GND
08
16
15
14
13
12
11
10
09
V
CC
C1-
C2-
T2
OUT
V-
R2
IN
R2
OUT
T2
IN
T1
IN
R1
OUT
R1
IN
T1
OUT
1


Similar Part No. - KKX232-3.3

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KKX232 KODENSHI-KKX232 Datasheet
255Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
KKX232D KODENSHI-KKX232D Datasheet
255Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
KKX232N KODENSHI-KKX232N Datasheet
255Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
More results

Similar Description - KKX232-3.3

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM232 HMSEMI-HM232 Datasheet
465Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
logo
Integral Corp.
ILX232 INTEGRAL-ILX232 Datasheet
200Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
logo
KODENSHI_AUK CORP.
KKX232 KODENSHI-KKX232 Datasheet
255Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
logo
IK Semicon Co., Ltd
ILX3232 IKSEMICON-ILX3232 Datasheet
420Kb / 10P
   Interface Transceiver of RS-232 Standard with One Supply Voltage
logo
Shenzhen Huazhimei Semi...
HM3232 HMSEMI-HM3232 Datasheet
555Kb / 11P
   Interface Transceiver of RS-232 Standard with One Supply Voltage
logo
HTC Korea TAEJIN Techno...
TJ232 HTC-TJ232 Datasheet
537Kb / 10P
   Interface transceiver of RS-232 standard with one supply voltage
logo
Exar Corporation
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
SP330EEY-L EXAR-SP330EEY-L Datasheet
703Kb / 23P
   SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
logo
List of Unclassifed Man...
732A ETC2-732A Datasheet
707Kb / 1P
   RS-232 Interface
logo
Maxim Integrated Produc...
MAX13234E MAXIM-MAX13234E Datasheet
204Kb / 16P
   3Mbps RS-232 Transceivers with Low-Voltage Interface
Rev 0; 10/08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com