Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KKX232-3.3 Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # KKX232-3.3
Description  Interface transceiver of RS-232 standard with one supply voltage
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KKX232-3.3 Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  KKX232-3.3 Datasheet HTML 1Page - KODENSHI_AUK CORP. KKX232-3.3 Datasheet HTML 2Page - KODENSHI_AUK CORP. KKX232-3.3 Datasheet HTML 3Page - KODENSHI_AUK CORP. KKX232-3.3 Datasheet HTML 4Page - KODENSHI_AUK CORP. KKX232-3.3 Datasheet HTML 5Page - KODENSHI_AUK CORP. KKX232-3.3 Datasheet HTML 6Page - KODENSHI_AUK CORP. KKX232-3.3 Datasheet HTML 7Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Static parameters
Rate
25
°C
-40
°C to 85 °C
Symbol
Parameter
Test conditions
min
max
min
max
Unit
ICC
Consumption current
static
VCC = 3.3 V
VIL = 0 V
-
10.0
-
14.0
mA
Receiver electrical parameters
Vh
Hysteresis voltage
VCC = 3.3 V
0.2
0.9
0.2
1.0
V
VOn
On (operation) voltage VO ≤ 0.1 V
IOL ≤ 20 ㎂
-
2.4
-
2.3
Voff
Off (dropout) voltage VO ≥ VCC -0.1 V
IOH ≤ -20 ㎂
0.6
-
0.7
-
VOL
Output low voltage
IOL = 3.2 мА
VСС = 3.0 V
VIH = 2.4 V
-
0.3
-
0.4
VOH
Output high voltage
IOH = -1.0 мА
VСС = 3.0 V
VIL = 0.8 V
2.4
-
2.3
-
RI
Input resistance
VСС =3.3 V
3.0
7.0
3.0
7.0
kOhm
Transmitter electrical parameters
VOL
Output low voltage
VСС = 3.0 V
VIH = 2.0 V
RL = 3.0 kOhm
-
-3.5
-
-3.3
V
VOH
Output high voltage
VСС = 3.0 V
VIL = 0.8 V
RL = 3.0 kOhm
3.5
-
3.3
-
IIL
Input low current
VСС = 3.3 V
VIL = 0 V
-
-1.0
-
-10.0
IIH
Input high current
VСС = 3.3 V
VIH = VСС
1.0
10.0
SR
Speed of output front
change
VСС = 3.3 V
СL =50 - 1000 pF
RL = 3.0 - 7.0 kOhm
3.0
30
2.7
27
V/
RО
Output resistance
VСС = V+ = V- = 0 V
VO = ± 2 V
350
-
300
-
Ohm
ISC
Short circuit output
current
VСС = 3.3 V
VO = 0 V
VI = VСС
VI = 0 V
-50
50
-60
60
mA
ST
Speed of information
transmission
VСС = 3.0 V
СL = 1000 pF
RL = 3.0 kOhm
tW = 7 ㎲ (for
extreme -
tW = 8mks)
140
-
120
-
kbit/s
4
KKX232-3.3


Similar Part No. - KKX232-3.3

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KKX232 KODENSHI-KKX232 Datasheet
255Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
KKX232D KODENSHI-KKX232D Datasheet
255Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
KKX232N KODENSHI-KKX232N Datasheet
255Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
More results

Similar Description - KKX232-3.3

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM232 HMSEMI-HM232 Datasheet
465Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
logo
Integral Corp.
ILX232 INTEGRAL-ILX232 Datasheet
200Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
logo
KODENSHI_AUK CORP.
KKX232 KODENSHI-KKX232 Datasheet
255Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
logo
IK Semicon Co., Ltd
ILX3232 IKSEMICON-ILX3232 Datasheet
420Kb / 10P
   Interface Transceiver of RS-232 Standard with One Supply Voltage
logo
Shenzhen Huazhimei Semi...
HM3232 HMSEMI-HM3232 Datasheet
555Kb / 11P
   Interface Transceiver of RS-232 Standard with One Supply Voltage
logo
HTC Korea TAEJIN Techno...
TJ232 HTC-TJ232 Datasheet
537Kb / 10P
   Interface transceiver of RS-232 standard with one supply voltage
logo
Exar Corporation
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
SP330EEY-L EXAR-SP330EEY-L Datasheet
703Kb / 23P
   SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
logo
List of Unclassifed Man...
732A ETC2-732A Datasheet
707Kb / 1P
   RS-232 Interface
logo
Maxim Integrated Produc...
MAX13234E MAXIM-MAX13234E Datasheet
204Kb / 16P
   3Mbps RS-232 Transceivers with Low-Voltage Interface
Rev 0; 10/08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com