Electronic Components Datasheet Search |
|
KKX232 Datasheet(PDF) 4 Page - KODENSHI_AUK CORP. |
|
KKX232 Datasheet(HTML) 4 Page - KODENSHI_AUK CORP. |
4 / 7 page Static parameters Rate 25 °C -40 °C to 85 °C Symbol Parameter Test conditions min max min max Unit ICC Consumption current static VCC =5.0 V VIL = 0 V - 10.0 - 14.0 ∗ mA Receiver electrical parameters Vh Hysteresis voltage VCC =5.0 V 0.2 0.9 0.2 1.0 V VOn On (operation) voltage VO ≤ 0.1 V IOL ≤ 20 mkA - 2.4 - 2.3 Voff Off (dropout) voltage VO ≥ VCC -0.1 V IOH ≤ -20 mkA 0.8 - 0.9 - VOL Output low voltage IOL = 3.2 мА VСС = 4.5 V VIH = 2.4 V - 0.3 - 0.4 VOH Output high voltage IOH = -1.0 мА VСС = 4.5 V VIL = 0.8 V 3.6 - 3.5 - RI Input resistance VСС = 5.0 V 3.0 7.0 3.0 7.0 kOhm Transmitter electrical parameters VOL Output low voltage VСС = 4.5 V VIH = 2.0 V RL = 3.0 kOhm - -5.2 - -5.0 V VOH Output high voltage VСС = 4.5 V VIL = 0.8 V RL = 3.0 kOhm 5.2 - 5.0 - IIL Input low current VСС =5.5 V VIL = 0 V - -1.0 - -10.0 ㎂ IIH Input high current VСС =5.5 V VIH = VСС 1.0 10.0 SR Speed of output front change VСС =5.0 V СL =50 - 1000 pF RL = 3.0 - 7.0 kOhm 3.0 30 2.7 27 V/㎲ RО Output resistance VСС = V+ = V- = 0 V VO = ± 2 V 350 - 300 - Ohm ISC Short circuit output current VСС =5.5 V VO = 0 V VI = VСС VI = 0 V -50 50 -60 60 mA ST Speed of information transmission VСС =4.5 V СL = 1000 pF RL = 3.0 kOhm tW = 7mks (for extreme - tW = 8mks) 140 - 120 - kbit/с 4 KKX232 |
Similar Part No. - KKX232 |
|
Similar Description - KKX232 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |