Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6CWQ04FNTRL Datasheet(PDF) 3 Page - International Rectifier

Part # 6CWQ04FNTRL
Description  SCHOTTKY RECTIFIER 7 Amp IF(AV) = 7Amp VR = 40V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

6CWQ04FNTRL Datasheet(HTML) 3 Page - International Rectifier

  6CWQ04FNTRL Datasheet HTML 1Page - International Rectifier 6CWQ04FNTRL Datasheet HTML 2Page - International Rectifier 6CWQ04FNTRL Datasheet HTML 3Page - International Rectifier 6CWQ04FNTRL Datasheet HTML 4Page - International Rectifier 6CWQ04FNTRL Datasheet HTML 5Page - International Rectifier 6CWQ04FNTRL Datasheet HTML 6Page - International Rectifier 6CWQ04FNTRL Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
6CWQ04FNPbF
3
Bulletin PD-21057 rev. B 07/06
www.irf.com
Fig. 2 - Typical Values Of Reverse Current
Vs. Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage (Per Leg)
Fig. 4 - Max. Thermal Impedance Z
thJC Characteristics (Per Leg)
Fig. 1 - Max. Forward Voltage Drop Characteristics
(Per Leg)
1
10
100
0
0.4
0.8
1.2
1.6
2
2.4
2.8
T = 150°C
T = 125°C
T = 25°C
J
J
J
FM
Forward Voltage Drop - V
(V)
0.001
0.01
0.1
1
10
100
0
5
10
15
20
25
30
35
40
R
125°C
100°C
75°C
50°C
25°C
T = 150°C
J
Reverse Voltage - V (V)
10
100
1000
0
5
10 15 20 25 30 35 40 45
T = 25°C
J
R
Reverse Voltage - V (V)
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
t , Rectangular Pulse Duration (Seconds)
Single Pulse
(Thermal Resistance)
1
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
C
thJC
DM
J
2
t
1
t
P
DM


Similar Part No. - 6CWQ04FNTRL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6CWQ04FNTRL VISHAY-6CWQ04FNTRL Datasheet
112Kb / 6P
   Schottky Rectifier, 2 x 3.5 A
Revision: 13-Aug-08
6CWQ04FNTRL VISHAY-6CWQ04FNTRL Datasheet
155Kb / 8P
   Schottky Rectifier, 2 x 3.5 A
Revision: 14-Jan-11
6CWQ04FNTRLPBF VISHAY-6CWQ04FNTRLPBF Datasheet
112Kb / 6P
   Schottky Rectifier, 2 x 3.5 A
Revision: 13-Aug-08
More results

Similar Description - 6CWQ04FNTRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
6CWQ06FNPBF IRF-6CWQ06FNPBF Datasheet
175Kb / 7P
   SCHOTTKY RECTIFIER 7 Amp IF(AV) = 7Amp VR = 60V
MBR1635PBF IRF-MBR1635PBF Datasheet
183Kb / 6P
   SCHOTTKY RECTIFIER 16 Amp (IF(AV) = 16Amp , VR = 35-45V )
MUR3020WT IRF-MUR3020WT Datasheet
167Kb / 7P
   Ultrafast Rectifier (trr = 35ns , IF(AV) = 30Amp , VR = 200V)
MURB1520PBF IRF-MURB1520PBF Datasheet
216Kb / 10P
   Ultrafast Rectifier ( trr = 35ns , IF(AV) = 15Amp , VR = 200V )
6CWQ10FNPBF IRF-6CWQ10FNPBF Datasheet
175Kb / 7P
   SCHOTTKY RECTIFIER 7 Amp
logo
Solid States Devices, I...
SSR2040CT-5 SSDI-SSR2040CT-5 Datasheet
178Kb / 2P
   7 AMP 45 VOLTS CENTERTAP SCHOTTKY RECTIFIER
logo
Unisonic Technologies
SK54 UTC-SK54 Datasheet
115Kb / 3P
   5A, 40V SCHOTTKY RECTIFIER
logo
SeCoS Halbleitertechnol...
SCD12L SECOS-SCD12L Datasheet
218Kb / 2P
   VOLTAGE 20V ~ 40V 1.0 AMP Low Vf Schottky Barrier Rectifier s
logo
PFC Device Inc.
P3L40A PFC-P3L40A Datasheet
690Kb / 5P
   3A 40V MOS Schottky Rectifier
PFS5A40 PFC-PFS5A40 Datasheet
563Kb / 5P
   5A 40V MOS Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com