Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRS51C1000-40-Q-ISPV2 Datasheet(PDF) 7 Page - Ramtron International Corporation

Part # VRS51C1000-40-Q-ISPV2
Description  Versa 8051 MCU with 64KB of IAP/ISP Flash
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

VRS51C1000-40-Q-ISPV2 Datasheet(HTML) 7 Page - Ramtron International Corporation

Back Button VRS51C1000-40-Q-ISPV2 Datasheet HTML 3Page - Ramtron International Corporation VRS51C1000-40-Q-ISPV2 Datasheet HTML 4Page - Ramtron International Corporation VRS51C1000-40-Q-ISPV2 Datasheet HTML 5Page - Ramtron International Corporation VRS51C1000-40-Q-ISPV2 Datasheet HTML 6Page - Ramtron International Corporation VRS51C1000-40-Q-ISPV2 Datasheet HTML 7Page - Ramtron International Corporation VRS51C1000-40-Q-ISPV2 Datasheet HTML 8Page - Ramtron International Corporation VRS51C1000-40-Q-ISPV2 Datasheet HTML 9Page - Ramtron International Corporation VRS51C1000-40-Q-ISPV2 Datasheet HTML 10Page - Ramtron International Corporation VRS51C1000-40-Q-ISPV2 Datasheet HTML 11Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
VRS51C1000
______________________________________________________________________________________________
www.ramtron.com
page 7 of 48
VRS51C1000 ISPVx Firmware boot program
An ISP boot loader program is available for the
VRS51C1000 (ISPVx Firmware, x = revision, see
Ramtron website for latest revision).
The ISPVx Firmware enables In-System-Programming
of the VRS51C1000 on the final application PCB using
the device’s UART interface. See the following figure
for a hardware configuration example.
Other
configurations are also possible.
FIGURE 4: VRS51C1000 INTERFACE FOR IN-SYSTEM PROGRAMMING
VRS51C1000
RXD
TXD
RES
Creset
To PC
150k
PNP
Rreset
(with ISPV2
Firmware)
See Ramtron’s website in order to download the
“Versa Ware ISP” Window’s™ application which allows
communication with the ISPVx firmware.
The VRS51C1000 can be ordered with or without the
ISPVx bootloader firmware (see Ordering information
section of this Datasheet for part number information).
The
ISPVx
bootloader
firmware
can
also
be
programmed into the VRS51C1000 by the user.
Source code is included with the Versa Ware ISP
application software.
For more information on the ISPVx firmware, please
consult the “VRS51C1000 ISPVx Firmware User
Guide.pdf” available on the Ramtron web site.
VRS51C1000 IAP feature
The VRS51C1000 IAP feature refers to the ability of
the processor to self-program the Flash memory from
within the user program.
Five SFR registers serve to control the IAP operation.
The description of these registers is provided below.
System Control Register
By default upon reset, the IAP feature of the
VRS51C1000 is de-activated. The IAPE bit of the
SYSCON register is used to enable (and disable) the
VRS51C1000 IAP function.
TABLE 6: SYSTEM CONTROL REGISTER (SYSCON) – SFR BFH
7
6
5
4
3
2
1
0
WDR
Unused
IAPE
XRAME
ALEI
Bit
Mnemonic
Description
7
WDR
This is the Watchdog Timer reset bit. It will
be set to 1 when the reset signal generated
by WDT overflows.
6
Unused
-
5
Unused
-
4
Unused
-
3
Unused
-
2
IAPE
IAP function enable bit
1
XRAME
768 byte on-chip enable bit
0
ALEI
ALE output inhibit bit, which is used to
reduce EMI.
IAP Flash Address and Data Registers
The IAPFADHI and IAPADLO registers are used to
specify the address at which the IAP function will be
performed.
TABLE 7:IAP FLASH ADDRESS HIGH - SFR F4H
7
6
5
4
3
2
1
0
IAPFADHI[15:8]
TABLE 8:IAP FLASH ADDRESS LOW - SFR F5H
7
6
5
4
3
2
1
0
IAPFADLO[15:8]
The IAPFDATA SFR register contains the Data byte
required to perform the IAP function.
TABLE 9:IAP FLASH DATA REGISTER - SFR F6H
7
6
5
4
3
2
1
0
IAPFDATA[7:0]
IAP Flash Control Register
The VRS51C1000 IAP function operation is controlled
by the IAP Flash Control register, IAPFCTRL.
Setting the IAPSTART bit to 1, starts the execution of
the IAP command specified by the IAPFCT[1:0] bits of
the IAP Flash Control register.


Similar Part No. - VRS51C1000-40-Q-ISPV2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRS51C1100 ETC1-VRS51C1100 Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
VRS51C1100-40-L ETC1-VRS51C1100-40-L Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
VRS51C1100-40-LG ETC1-VRS51C1100-40-LG Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
VRS51C1100-40-P ETC1-VRS51C1100-40-P Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
VRS51C1100-40-PG ETC1-VRS51C1100-40-PG Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
More results

Similar Description - VRS51C1000-40-Q-ISPV2

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
VRS51L1050 RAMTRON-VRS51L1050 Datasheet
504Kb / 49P
   Versa 8051 3.3V MCU with 64KB of IAP/ISP Flash
logo
List of Unclassifed Man...
VRS51C1100 ETC1-VRS51C1100 Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
VRS51X540 ETC1-VRS51X540 Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
C8051F042 ETC-C8051F042 Datasheet
191Kb / 2P
   CAN2.0B 64KB ISP FLASH MCU
C8051F040 ETC-C8051F040 Datasheet
190Kb / 2P
   CAN2.0B 64KB ISP FLASH MCU
C8051F041 ETC-C8051F041 Datasheet
191Kb / 2P
   CAN2.0B 64KB ISP FLASH MCU
C8051F043 ETC-C8051F043 Datasheet
190Kb / 2P
   CAN2.0B 64KB ISP FLASH MCU
VRS51X570 ETC1-VRS51X570 Datasheet
2Mb / 49P
   Versa 8051 MCUs with 32/64KB
C8051F022 ETC-C8051F022 Datasheet
51Kb / 2P
   Mixed-Signal 64KB ISP FLASH MCU
VRS1000 ETC1-VRS1000 Datasheet
741Kb / 47P
   64kB Embedded ISP/IAP FLASH 1kB RAM, 40 MHz, 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com