Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRS51L1050 Datasheet(PDF) 1 Page - Ramtron International Corporation

Part # VRS51L1050
Description  Versa 8051 3.3V MCU with 64KB of IAP/ISP Flash
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

VRS51L1050 Datasheet(HTML) 1 Page - Ramtron International Corporation

  VRS51L1050 Datasheet HTML 1Page - Ramtron International Corporation VRS51L1050 Datasheet HTML 2Page - Ramtron International Corporation VRS51L1050 Datasheet HTML 3Page - Ramtron International Corporation VRS51L1050 Datasheet HTML 4Page - Ramtron International Corporation VRS51L1050 Datasheet HTML 5Page - Ramtron International Corporation VRS51L1050 Datasheet HTML 6Page - Ramtron International Corporation VRS51L1050 Datasheet HTML 7Page - Ramtron International Corporation VRS51L1050 Datasheet HTML 8Page - Ramtron International Corporation VRS51L1050 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
Ramtron International Corporation
http://www.ramtron.com
1850 Ramtron Drive Colorado Springs
MCU customer service: 1-800-943-4625, 1-514-871-2447 x 208
Colorado, USA, 80921
1-800-545-FRAM, 1-719-481-7000
page 1 of 49
VRS51L1050
Preliminary Datasheet
Rev 1.2
Versa 8051 3.3V MCU with 64KB of IAP/ISP Flash
Overview
The VRS51L1050 is based on the standard 8051
microcontroller family architecture and is a pin
compatible drop-in replacement for most 8051 MCUs.
The VRS51L1050 is designed for applications that
require a large amount of program/data memory with
non-volatile data storage and/or code/field based
firmware
upgrade
capability
coupled
with
comprehensive peripheral support. It features 64KB of
In-System/In-Application Programmable Flash memory,
1KB of SRAM, an I²C-compatible interface, 2 PWM
output channels, a UART, three 16-bit timers and the
ability to exit the power down mode upon assertion of
an external interrupt (INT0 / INT1).
Ideal
for
battery-powered
applications,
the
VRS51L1050 registers and I/Os maintain their current
value in power down mode while the oscillator is
disabled, enabling the supply current to drop below
20uA.
The VRS51L1050 is available with firmware that
enables In-System Programming (firmware based boot-
loader) of the Flash memory via the UART interface
(ISPVx version). General Flash memory programming
is supported by device programmers available from
Ramtron or other 3rd party suppliers.
The VRS51L1050 is available in PLCC-44, QFP-44 and
DIP-40 packages and functions over the commercial
temperature range.
FIGURE 1: VRS51L1050 FUNCTIONAL DIAGRAM
PORT 0
8051
PROCESSOR
PORT 3
PORT 2
PORT 1
PWM
PORT 4
64KB
FLASH
2 INTERRUPT
INPUTS
UART
1024 Bytes of
SRAM
RESET
TIMER 0
TIMER 2
TIMER 1
POWER
CONTROL
ADDRESS/
DATA BUS
8
8
8
8
4
2
I2C
Feature Set
8051/8052 pin compatible
64KB on-chip Flash memory
In-System/In-Application Flash Programming (ISP/IAP)
On-chip Charge Pump for Flash Programming
1024 Bytes on-chip Data SRAM
Four 8-bit I/O Ports, one 4-bit I/O Port
2 PWM Outputs on P1.2 to P1.3 (8/5-bit resolution)
1 Full Duplex UART Serial Port
I²C-compatible Interface
Three 16-bit Timers/Counters
Bit Operation Instruction
8-bit Unsigned Division and Multiply
BCD Arithmetic
Direct and Indirect Addressing
7 Interrupt Sources and 2 Levels of Interrupt Priority
Power saving modes
Wakeup from Power Down by Ext. Interrupt or Reset
Code protection function
Low EMI (inhibit ALE)
Commercial Temperature Range (0°C to +70°C)
3.3V Operating Voltage
FIGURE 2: VRS51L1050 QFP-44 AND PLCC-44 PIN OUT DIAGRAMS
1
44
11
12
22
23
33
34
VRS51L1050
QFP-44
#RD/P3.7
#WR/P3.6
XTAL1
XTAL2
P4.0
VSS
P2.1/A9
P2.0/A8
P2.3/A11
P2.2/A10
P2.4/A12
PWM1/P1.3
P1.4
T2EX/P1.1
PWM0/P1.2
P4.2
T2/P1.0
P0.0/AD0
VDD
P0.2/AD2
P0.1/AD1
P0.3/AD3
SCL/P1.6
P1.5
RES
SDA/P1.7
P4.3
RXD/P3.0
#INT0/P3.2
TXD/P3.1
T0/P3.4
#INT1/P3.3
T1/P3.5
P2.6/A14
P2.5/A13
#PSEN
P2.7/A15
P4.1
ALE
P0.7/AD7
#EA
P0.5/AD5
P0.6/AD6
P0.4/AD4
1
VRS51L1050
PLCC-44
6
7
17
18
28
29
39
40


Similar Part No. - VRS51L1050

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
VRS51L2070 RAMTRON-VRS51L2070 Datasheet
3Mb / 99P
   High-Performance Versa 8051 MCU
VRS51L2070 RAMTRON-VRS51L2070 Datasheet
7Mb / 28P
   VersaKit-30xx Development System Overview
Rev 2.0
VRS51L2070-40-QG RAMTRON-VRS51L2070-40-QG Datasheet
3Mb / 99P
   High-Performance Versa 8051 MCU
VRS51L3072 RAMTRON-VRS51L3072 Datasheet
122Kb / 1P
   High-Performance 8051 MCU 2KB FRAM
VRS51L3074 RAMTRON-VRS51L3074 Datasheet
167Kb / 1P
   FRAM Enhanced High Performance 8051 MCU
More results

Similar Description - VRS51L1050

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
VRS51C1000 RAMTRON-VRS51C1000 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
logo
List of Unclassifed Man...
VRS51C1100 ETC1-VRS51C1100 Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
VRS51X540 ETC1-VRS51X540 Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
C8051F042 ETC-C8051F042 Datasheet
191Kb / 2P
   CAN2.0B 64KB ISP FLASH MCU
C8051F040 ETC-C8051F040 Datasheet
190Kb / 2P
   CAN2.0B 64KB ISP FLASH MCU
C8051F041 ETC-C8051F041 Datasheet
191Kb / 2P
   CAN2.0B 64KB ISP FLASH MCU
C8051F043 ETC-C8051F043 Datasheet
190Kb / 2P
   CAN2.0B 64KB ISP FLASH MCU
VRS51X570 ETC1-VRS51X570 Datasheet
2Mb / 49P
   Versa 8051 MCUs with 32/64KB
C8051F022 ETC-C8051F022 Datasheet
51Kb / 2P
   Mixed-Signal 64KB ISP FLASH MCU
VRS1000 ETC1-VRS1000 Datasheet
741Kb / 47P
   64kB Embedded ISP/IAP FLASH 1kB RAM, 40 MHz, 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com