Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRS51C1000 Datasheet(PDF) 10 Page - Ramtron International Corporation

Part # VRS51C1000
Description  Versa 8051 MCU with 64KB of IAP/ISP Flash
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

VRS51C1000 Datasheet(HTML) 10 Page - Ramtron International Corporation

Back Button VRS51C1000 Datasheet HTML 6Page - Ramtron International Corporation VRS51C1000 Datasheet HTML 7Page - Ramtron International Corporation VRS51C1000 Datasheet HTML 8Page - Ramtron International Corporation VRS51C1000 Datasheet HTML 9Page - Ramtron International Corporation VRS51C1000 Datasheet HTML 10Page - Ramtron International Corporation VRS51C1000 Datasheet HTML 11Page - Ramtron International Corporation VRS51C1000 Datasheet HTML 12Page - Ramtron International Corporation VRS51C1000 Datasheet HTML 13Page - Ramtron International Corporation VRS51C1000 Datasheet HTML 14Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
VRS51C1000
______________________________________________________________________________________________
www.ramtron.com
page 10 of 48
point anywhere in the 00h to FFh range of SRAM
memory.
When a function call is performed or an
interrupt is serviced, the 16-bit return address (two
bytes) is stored on the stack. Data can be placed
manually on the Stack by using the PUSH and POP
functions.
Expanded SRAM Access Using the MOVX @DPTR
Instruction (0000-02FF, Bank4-Bank15)
The 768 bytes of the expanded SRAM data memory
occupies addresses 0000h to 02FFh. This can be
accessed using external direct addressing (i.e. using
the MOVX instruction) or by using bank mapping direct
addressing.
Note that in the case of indirect
addressing using the MOVX @DPTR instruction, if the
address is larger than 02FFh, the VRS51C1000 will
access off-chip memory in the external memory space
using the external memory control signals
Internal SRAM Control Register
The
768
bytes
of
expanded
SRAM
of
the
VRS51C1000 can also be accessed using the MOVX
@Rn instruction (where n = 0 or 1). This instruction
can only access data in a range of 256 bytes. The
internal SRAM Control Register, RCON, allows users
to select which part of the expanded SRAM will be
accessed by this instruction by configuring the value of
the RAMS0 and RAMS1 bits.
The default setting of the RAMS1 and RAMS0 bits is
00 (page 0). Each page has 256 bytes.
TABLE 13: INTERNAL SRAM CONTROL REGISTER (RCON) - SFR 85H
7
6
5
4
3
2
1
0
Unused
RAMS1
RAMS0
Bit
Mnemonic
Description
7
Unused
-
6
Unused
-
5
Unused
-
4
Unused
-
3
Unused
-
2
Unused
-
1
RAMS1
0
RAMS0
These two bits are used with Rn of instruction
OVX @Rn, n=1,0 for mapping (see section on
extended 768 bytes)
RAMS1, RAMS0
Mapped area
00
000h-0FFh
01
100h-1FFh
10
200h-2FFh
11
XY00h-XYFF*
*Externally generated
Example:
Suppose that RAMS1, RAMS0 are set to 0 and 1
respectively and Rn has a value of 45h.
Performing MOVX @Rn, A, (where n is 0 or 1) allows the
user to transfer the value of A to the expanded SRAM at
address 145h (page 1).
Note that when both RAM1 and RAM0 are set to 1, the
value of P2 defines the upper byte and Rn defines the
lower byte of the external address. In this case the
device will access off-chip memory in the external
memory space using the external memory control
signals, Off chip peripherals can therefore be mapped
into the “P2value”00h to “P2value”FFh address range
Data Bank Control Register
The DBANK register allows the user to enable the
Data Bank Select function and map the entire contents
of the SRAM memory in the range of 40h to 7Fh for
applications that would require direct addressing of the
expanded SRAM.
The Data Bank Select function is activated by setting
the Data Bank Select enable bit (BSE) to 1. Setting this
bit to zero disables this function. The lower nibble of
this register controls the mapping of the entire 1K byte
on-chip SRAM space into the 040h-07Fh range.
TABLE 14: DATA BANK CONTROL REGISTER (DBANK) – SFR 86H
7
6
5
4
3
2
1
0
BSE
Unused
BS3
BS2
BS1
BS0
Bit
Mnemonic
Description
7
BSE
Data Bank Select Enable Bit
BSE=1, Data Bank Select enabled
BSE=0, Data Bank Select disabled
6
Unused
-
5
Unused
-
4
Unused
-
3
BS3
2
BS2
1
BS1
0
BS0
Allows the mapping of the 1KB of SRAM
into the 040h - 07Fh SRAM space


Similar Part No. - VRS51C1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRS51C1100 ETC1-VRS51C1100 Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
VRS51C1100-40-L ETC1-VRS51C1100-40-L Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
VRS51C1100-40-LG ETC1-VRS51C1100-40-LG Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
VRS51C1100-40-P ETC1-VRS51C1100-40-P Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
VRS51C1100-40-PG ETC1-VRS51C1100-40-PG Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
More results

Similar Description - VRS51C1000

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
VRS51L1050 RAMTRON-VRS51L1050 Datasheet
504Kb / 49P
   Versa 8051 3.3V MCU with 64KB of IAP/ISP Flash
logo
List of Unclassifed Man...
VRS51C1100 ETC1-VRS51C1100 Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
VRS51X540 ETC1-VRS51X540 Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
C8051F042 ETC-C8051F042 Datasheet
191Kb / 2P
   CAN2.0B 64KB ISP FLASH MCU
C8051F040 ETC-C8051F040 Datasheet
190Kb / 2P
   CAN2.0B 64KB ISP FLASH MCU
C8051F041 ETC-C8051F041 Datasheet
191Kb / 2P
   CAN2.0B 64KB ISP FLASH MCU
C8051F043 ETC-C8051F043 Datasheet
190Kb / 2P
   CAN2.0B 64KB ISP FLASH MCU
VRS51X570 ETC1-VRS51X570 Datasheet
2Mb / 49P
   Versa 8051 MCUs with 32/64KB
C8051F022 ETC-C8051F022 Datasheet
51Kb / 2P
   Mixed-Signal 64KB ISP FLASH MCU
VRS1000 ETC1-VRS1000 Datasheet
741Kb / 47P
   64kB Embedded ISP/IAP FLASH 1kB RAM, 40 MHz, 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com