Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KKA4605-2 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KKA4605-2
Description  Control IC for Switched Mode Power Supplies using MOS Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KKA4605-2 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KKA4605-2 Datasheet HTML 1Page - KODENSHI_AUK CORP. KKA4605-2 Datasheet HTML 2Page - KODENSHI_AUK CORP. KKA4605-2 Datasheet HTML 3Page - KODENSHI_AUK CORP. KKA4605-2 Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KKA4605-2
Block Diagram
Reference
Voltage typ.
3V
Supply Voltage Monitor
V
6min V6A
V
6E V6max
V
REF
Current
Source
Control &
Overload
Amplifier
Primary
Current
Voltage
Converter
Start Pulse
Generator
Stop
Comparator
Logic
Output Stage
and Current
Control
Circuit
Zero
Crossing
Detector
Fold-back
Point
Correction
Primary
Voltage
Supervision
V
R
V
V
V
2B
V
ST
37
5
2
6
4
1
8
ABSOLUTE MAXIMUM RATINGS
Ta=-20 to 85oC; all voltages relatives to Vpp
Parameter
Symbol
Limit Values
Unit
Notes
min
max
Voltages
pin 1
V1
-0.3
3
V
pin 2
V2
-0.3
V
pin 3
V3
-0.3
V
pin 4
V4
-0.3
V
pin 5
V5
-0.3
V6
V
pin 6
V6
-0.3
20
V
Supply voltage
pin 7
V7
-0.3
V
Current
pin 1
I1
3
mA
pin 2
I2
3
mA
pin 3
I3
3
mA
pin 4
I4
-1.5
A
tp≤50µs; v≤0.1 *
pin 5
I5
-0.5
1.5
A
tp≤50µs; v≤0.1
pin 6
I6
0.5
A
tp≤50µs; v≤0.1
pin 7
I7
3
mA
pin 8
I8
-5
3
mA
Junction temperature
Tj
125
oC
Storage temperature
Tstg
-40
125
oC
Operating Range
Supply voltage
V6
7.5
15.5
V
IC is on
Ambient temperature
Ta
-20
85
oC
* tp= pulse width
v = duty circle
2


Similar Part No. - KKA4605-2

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KKA4661 KODENSHI-KKA4661 Datasheet
74Kb / 3P
   BASEBAND DELAY LINE
More results

Similar Description - KKA4605-2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA4605 SIEMENS-TDA4605 Datasheet
631Kb / 21P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
logo
Integral Corp.
ILA4605-2 INTEGRAL-ILA4605-2 Datasheet
144Kb / 3P
   Control IC for Switched Mode Power Supplies using MOS Transistors
logo
Infineon Technologies A...
TDA4605-2 INFINEON-TDA4605-2 Datasheet
782Kb / 23P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
V2.0, 1 Jul 2002
logo
Siemens Semiconductor G...
TDA4605-2 SIEMENS-TDA4605-2 Datasheet
560Kb / 20P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
logo
Infineon Technologies A...
TDA4605-3 INFINEON-TDA4605-3 Datasheet
751Kb / 23P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
2002-07-01
logo
Siemens Semiconductor G...
TDA4605-3 SIEMENS-TDA4605-3 Datasheet
557Kb / 20P
   Control IC for Switched-Mode Power Supplies using MOS-Transistor
logo
List of Unclassifed Man...
TDA4600-3 ETC-TDA4600-3 Datasheet
590Kb / 15P
   CONTROL IC FOR SWITCHED - MODE POWER SUPPLIES
logo
STMicroelectronics
TDA4605 STMICROELECTRONICS-TDA4605_03 Datasheet
119Kb / 7P
   CONTROL CIRCUIT FOR SWITCH MODE POWER SUPPLIES USING MOS TRANSISTORS
TDA4605 STMICROELECTRONICS-TDA4605 Datasheet
63Kb / 6P
   CONTROL CIRCUIT FOR SWITCH MODE POWER SUPPLIES USING MOS TRANSISTORS
logo
NXP Semiconductors
TDA8380A PHILIPS-TDA8380A Datasheet
158Kb / 20P
   Control circuit for switched mode power supplies
November 1993
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com