Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KKA3010DW Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KKA3010DW
Description  INFRARED REMOTE CONTROL TRANSMITTER RC-5
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KKA3010DW Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KKA3010DW Datasheet HTML 1Page - KODENSHI_AUK CORP. KKA3010DW Datasheet HTML 2Page - KODENSHI_AUK CORP. KKA3010DW Datasheet HTML 3Page - KODENSHI_AUK CORP. KKA3010DW Datasheet HTML 4Page - KODENSHI_AUK CORP. KKA3010DW Datasheet HTML 5Page - KODENSHI_AUK CORP. KKA3010DW Datasheet HTML 6Page - KODENSHI_AUK CORP. KKA3010DW Datasheet HTML 7Page - KODENSHI_AUK CORP. KKA3010DW Datasheet HTML 8Page - KODENSHI_AUK CORP. KKA3010DW Datasheet HTML 9Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
KKA3010
PIN DESCRIPTION
PIN No
DESIGNATION
DESCRIPTION
1
X7 (IPU)
sense input from key matrix
2
SSM (I)
system mode selection input
3-6
Z0-Z3 (IPU)
sense inputs from key matrix
7
MDATA (OP3)
generated output data modulated with 1/2 the oscillator frequency at a 25%
duty factor
8
DATA (OP3)
generated output information
9-13
DR7-DR3 (ODN)
scan drivers
14
GND
ground (0V)
15-17
DR2-DR0 (ODN)
scan drivers
18
OSC (I)
oscillator input
19
TP2 (I)
test point 2
20
TP1 (I)
test point 1
21-27
X0-X6 (IPU)
sense inputs from key matrix
28
Vcc (I)
voltage supply
(I)
= input
(IPU)
= input with p-channel pull-up transistor
(ODN) = output with open drain n-channel transistor
(OP3)
= output 3-state
FUNCTIONAL DESCRIPTION
Keyboard operation
Every connection of one X-input and one DR-output will be recognized as a legal key operation and will cause the
device to generate the corresponding code. The same applies to every connection of one Z-input to one DR-output with
the proviso that SSM must be LOW. When SSM is HIGH a wired connection must exist between a Z-input and DR-
output. If no connection is present the system number will not be generated. Activating two or more X-inputs, Z-inputs
or Z-inputs and X-inputs at the same time is an illegal action and inhibits further activity (oscillator will not start).
When one X- or Z-input is connected to more than one DR-output, the last scan signal will be considered as legal.
The maximum value of the contact series resistance of the switched keyboard is 7K
Ω.
Inputs
In the quiescent state the command inputs X0 to X7 are held HIGH by an internal pull-up transistor. When the system
mode selection (SSM) input is LOW and the system is quiescent, the system inputs Z0 to Z3 are also held HIGH by an
internal pull-up transistor. When SSM is HIGH the pull-up transistor for the Z-inputs is switched off, in order to
prevent current flow, and a wired connection in the Z-DR matrix provides the system number.
Outputs
The output signal DATA transmits the generated information in accordance with the format illustrated by Fig.2 and
Tables 1 and 2. The code is transmitted using a biphase technique as illustrated by Fig.3. The code consists of four
parts:
• Start part - 1.5 bits (2 x logic 1)
• Control part - 1 bit
• System part - 5 bits
• Command part - 6 bits
The output signal MDATA transmits the generated information modulated by 1/12 of the oscillator frequency with a
50% duty factor.
In the quiescent state both DATA and MDATA are non-conducting (3-state outputs).
The scan driver outputs DR0 to DR7 are open drain n-channel transistors and conduct when the circuit is quiescent.
After a legal key operation the scanning cycle is started and the outputs switched to the conductive state one by one.
The DR-outputs were switched off at the end of the preceding debounce cycle.
2


Similar Part No. - KKA3010DW

ManufacturerPart #DatasheetDescription
logo
FCI connector
KKA31U-2N FCI-CONNECTOR-KKA31U-2N Datasheet
85Kb / 1P
   UNIVERSAL TERMINAL
KKA31U-2N FCI-CONNECTOR-KKA31U-2N Datasheet
85Kb / 1P
   UNIVERSAL TERMINAL
logo
KODENSHI_AUK CORP.
KKA3354 KODENSHI-KKA3354 Datasheet
235Kb / 6P
   IC for Electronic Ballasts
KKA3654 KODENSHI-KKA3654 Datasheet
192Kb / 5P
   VERTICAL DEFLECTION AND GUARD CIRCUIT (110째)
More results

Similar Description - KKA3010DW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INA3010 ETC-INA3010 Datasheet
287Kb / 8P
   INFRARED REMOTE CONTROL TRANSMITTER RC-5
logo
Integral Corp.
INA3010D INTEGRAL-INA3010D Datasheet
280Kb / 9P
   INFRARED REMOTE CONTROL TRANSMITTER (RC-5)
logo
NXP Semiconductors
SAA3010 PHILIPS-SAA3010 Datasheet
94Kb / 20P
   Infrared remote control transmitter RC-5
June 1989
logo
System Logic Semiconduc...
SL3010 SLS-SL3010 Datasheet
96Kb / 8P
   INFRARED REMOTE CONTROL TRANSMITTER RC-5
logo
List of Unclassifed Man...
SAA3006 ETC1-SAA3006 Datasheet
131Kb / 13P
   LOW VOLTAGE INFRARED REMOTE CONTROL TRANSMITTER (RC-5)
logo
Princeton Technology Co...
PT2212 PTC-PT2212_07 Datasheet
416Kb / 16P
   Infrared Remote Control Transmitter
PT2248 PTC-PT2248_05 Datasheet
374Kb / 19P
   Infrared Remote Control Transmitter
logo
NXP Semiconductors
SAA3027 PHILIPS-SAA3027 Datasheet
518Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER
July1983
logo
List of Unclassifed Man...
SC3010 ETC-SC3010 Datasheet
235Kb / 15P
   INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2221 PTC-PT2221 Datasheet
296Kb / 4P
   Infrared Remote Control Transmitter???
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com