Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KKA1519 Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # KKA1519
Description  2 x 6 WATT STEREO POWER AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KKA1519 Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  KKA1519 Datasheet HTML 1Page - KODENSHI_AUK CORP. KKA1519 Datasheet HTML 2Page - KODENSHI_AUK CORP. KKA1519 Datasheet HTML 3Page - KODENSHI_AUK CORP. KKA1519 Datasheet HTML 4Page - KODENSHI_AUK CORP. KKA1519 Datasheet HTML 5Page - KODENSHI_AUK CORP. KKA1519 Datasheet HTML 6Page - KODENSHI_AUK CORP. KKA1519 Datasheet HTML 7Page - KODENSHI_AUK CORP. KKA1519 Datasheet HTML 8Page - KODENSHI_AUK CORP. KKA1519 Datasheet HTML 9Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Stereo application circuit diagram
40 dB
60
к
40 dB
60
к
inverting
input
non-inverting
input
signal
ground
power
1000
F
220 nF
220 nF
100
nF
2200
F
100
F
Vcc/2
5
24
6
9
7
8
3
1
Vсс
U 2.1B
ground
stand-by
switch
40 dB
60
к
40 dB
60
к
non-invertig
input
signal
ground
power
ground
220 nF
100
F
2200
F
Vcc/2
5
2
46
9
7
8
3
1
Vcc
to pin 9
to pin 1
U 2.1V
BTL application circuit diagram
stand-by switch
4
KKA1519


Similar Part No. - KKA1519

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KKA1519B KODENSHI-KKA1519B Datasheet
200Kb / 6P
   2 x 6 Watt Stereo Power Amplifier
More results

Similar Description - KKA1519

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KKA1519B KODENSHI-KKA1519B Datasheet
200Kb / 6P
   2 x 6 Watt Stereo Power Amplifier
logo
Integral Corp.
ILA1519B INTEGRAL-ILA1519B Datasheet
102Kb / 3P
   2 X 6 WATT STEREO CAR RADIO POWER AMPLIFIER
logo
List of Unclassifed Man...
ILA1519 ETC-ILA1519 Datasheet
17Kb / 2P
   2 x 6 Watt Stereo Car Radio Power Amplifier
logo
Integral Corp.
ILA1519B1 INTEGRAL-ILA1519B1 Datasheet
102Kb / 3P
   2 X 6 WATT STEREO CAR RADIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA1517 PHILIPS-TDA1517 Datasheet
97Kb / 12P
   2 x 6 W stereo power amplifier
1998 Apr 28
logo
Unisonic Technologies
PA1517 UTC-PA1517_15 Datasheet
284Kb / 9P
   2 x 6 W STEREO POWER AMPLIFIER
logo
Texas Instruments
TAS5162_0705 TI-TAS5162_0705 Datasheet
697Kb / 29P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162 TI-TAS5162 Datasheet
263Kb / 6P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162 TI-TAS5162_15 Datasheet
1Mb / 33P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162 TI-TAS5162_07 Datasheet
763Kb / 28P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com