Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KKA1519 Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # KKA1519
Description  2 x 6 WATT STEREO POWER AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KKA1519 Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  KKA1519 Datasheet HTML 1Page - KODENSHI_AUK CORP. KKA1519 Datasheet HTML 2Page - KODENSHI_AUK CORP. KKA1519 Datasheet HTML 3Page - KODENSHI_AUK CORP. KKA1519 Datasheet HTML 4Page - KODENSHI_AUK CORP. KKA1519 Datasheet HTML 5Page - KODENSHI_AUK CORP. KKA1519 Datasheet HTML 6Page - KODENSHI_AUK CORP. KKA1519 Datasheet HTML 7Page - KODENSHI_AUK CORP. KKA1519 Datasheet HTML 8Page - KODENSHI_AUK CORP. KKA1519 Datasheet HTML 9Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AC CHARACTERISTICS (note 1)
Vp=14,4V; RL=4Ω; f=1kHz; Tamb=25
oC unless otherwise specified
parameter
conditions
symbol
min.
typ.
max.
unit
Output power
Total harmonic distortion
Low frequency roll-off
High frequency roll-off
Closed loop voltage gain
Supply voltage ripple rejection
ON
ON
mute
stand-by
Input impedance
Noise output voltage
ON
ON
mute
Channel separation
Channel balance
note 4;
THD = 0,5%
THD = 10%
PO=1W
note 5;
-3 dB
-1 dB
note 6
f= 100 Hz
f= 10 Hz to 10 kHz
note 7;
RS=0Ω
RS= 10 kΩ
note 8
RS= 10 kΩ
PO
PO
THD
fL
fH
GV
SVRR
SVRR
SVRR
SVRR
lZil
Vno(rms)
Vno(rms)
Vno(rms)
a
lDGvl
4
5,5
-
-
20
39
40
48
48
80
50
-
-
-
40
-
5
6,0
0,1
45
-
40
-
-
-
-
60
150
250
120
-
0,1
-
-
-
-
-
41
-
-
-
-
75
-
500
-
-
1
W
W
%
Hz
kHz
dB
dB
dB
dB
dB
k
mV
mV
mV
dB
dB
Notes to the characteristics
1.
All characteristics are measured using the circuit shown in Fig. 4.
2.
The circuit is DC adjusted at Vp= 6V to 18V and AC operating at Vp= 8,5V to 18 V.
3.
At 18 V < Vp< 30 V the DC output voltage < Vp/2.
4.
Output power is measured directly at the output pins of the IC.
5.
Frequency response externally fixed.
6.
Ripple rejection measured at the output with a source impedance of 0 ^ (maximum ripple amplitude of 2 V) and a
frequency between 100 Hz and 10 kHz.
7.
Noise voltage measured in a bandwidth of 20 Hz to 20 kHz.
8.
Noise output voltage independent of R^ (V j = 0 V).
3
KKA1519


Similar Part No. - KKA1519

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KKA1519B KODENSHI-KKA1519B Datasheet
200Kb / 6P
   2 x 6 Watt Stereo Power Amplifier
More results

Similar Description - KKA1519

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KKA1519B KODENSHI-KKA1519B Datasheet
200Kb / 6P
   2 x 6 Watt Stereo Power Amplifier
logo
Integral Corp.
ILA1519B INTEGRAL-ILA1519B Datasheet
102Kb / 3P
   2 X 6 WATT STEREO CAR RADIO POWER AMPLIFIER
logo
List of Unclassifed Man...
ILA1519 ETC-ILA1519 Datasheet
17Kb / 2P
   2 x 6 Watt Stereo Car Radio Power Amplifier
logo
Integral Corp.
ILA1519B1 INTEGRAL-ILA1519B1 Datasheet
102Kb / 3P
   2 X 6 WATT STEREO CAR RADIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA1517 PHILIPS-TDA1517 Datasheet
97Kb / 12P
   2 x 6 W stereo power amplifier
1998 Apr 28
logo
Unisonic Technologies
PA1517 UTC-PA1517_15 Datasheet
284Kb / 9P
   2 x 6 W STEREO POWER AMPLIFIER
logo
Texas Instruments
TAS5162_0705 TI-TAS5162_0705 Datasheet
697Kb / 29P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162 TI-TAS5162 Datasheet
263Kb / 6P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162 TI-TAS5162_15 Datasheet
1Mb / 33P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162 TI-TAS5162_07 Datasheet
763Kb / 28P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com