Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM25040A-G Datasheet(PDF) 9 Page - Ramtron International Corporation

Part # FM25040A-G
Description  4Kb FRAM Serial Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25040A-G Datasheet(HTML) 9 Page - Ramtron International Corporation

Back Button FM25040A-G Datasheet HTML 5Page - Ramtron International Corporation FM25040A-G Datasheet HTML 6Page - Ramtron International Corporation FM25040A-G Datasheet HTML 7Page - Ramtron International Corporation FM25040A-G Datasheet HTML 8Page - Ramtron International Corporation FM25040A-G Datasheet HTML 9Page - Ramtron International Corporation FM25040A-G Datasheet HTML 10Page - Ramtron International Corporation FM25040A-G Datasheet HTML 11Page - Ramtron International Corporation FM25040A-G Datasheet HTML 12Page - Ramtron International Corporation FM25040A-G Datasheet HTML 13Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
FM25040A
Rev. 3.0
May 2006
Page 9 of
13
Electrical Specifications
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +7.0V
VIN
Voltage on any pin with respect to VSS
-1.0V to +7.0V
and VIN < VDD+1.0V
TSTG
Storage Temperature
-55
°C to + 125°C
TLEAD
Lead Temperature (Soldering, 10 seconds)
300
° C
VESD
Electrostatic Discharge Voltage
- Human Body Model (JEDEC Std JESD22-A114-B)
- Charged Device Model (JEDEC Std JESD22-C101-A)
- Machine Model (JEDEC Std JESD22-A115-A)
4kV
1kV
400V
Package Moisture Sensitivity Level
MSL-1
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only, and the functional operation of the device at these or any other conditions above those listed in the operational section of
this specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device
reliability.
DC Operating Conditions (TA = -40° C to + 85° C, VDD = 4.5V to 5.5V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Main Power Supply
4.5
5.0
5.5
V
IDD
VDD Supply Current
@ SCK = 1.0 MHz
@ SCK = 20.0 MHz
0.2
4
0.4
8.0
mA
mA
1
ISB
Standby Current
-
10
µA
2
ILI
Input Leakage Current
±1
µA
3
ILO
Output Leakage Current
±1
µA
3
VIH
Input High Voltage
0.7 VDD
VDD + 0.5
V
VIL
Input Low Voltage
-0.3
0.3 VDD
V
VOH
Output High Voltage
@ IOH = -1 mA
VDD – 0.8
-
V
VOL
Output Low Voltage
@ IOL = 2 mA
-
0.4
V
VHYS
Input Hysteresis
0.05 VDD
-
V
4
Notes
1.
SCK toggling between VDD-0.3V and VSS, other inputs VSS or VDD-0.3V.
2.
SCK = SI = /CS=VDD. All inputs VSS or VDD.
3.
VIN or VOUT = VSS to VDD.
4.
This parameter is periodically sampled and not 100% tested.


Similar Part No. - FM25040A-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM25040 ETC-FM25040 Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
FM25040-P ETC-FM25040-P Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
FM25040-S ETC-FM25040-S Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM25040B RAMTRON-FM25040B Datasheet
313Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25040B CYPRESS-FM25040B Datasheet
449Kb / 13P
   4Kb Serial 5V F-RAM Memory
More results

Similar Description - FM25040A-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM25040 ETC-FM25040 Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
FM24CL04 ETC-FM24CL04 Datasheet
119Kb / 12P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C04A ETC1-FM24C04A Datasheet
100Kb / 12P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C04A RAMTRON-FM24C04A_05 Datasheet
98Kb / 12P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25CL04 ETC-FM25CL04 Datasheet
98Kb / 11P
   4Kb FRAM Serial 3V Memory
FM25L04 ETC-FM25L04 Datasheet
187Kb / 12P
   4Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25CL04 RAMTRON-FM25CL04_05 Datasheet
139Kb / 12P
   4Kb FRAM Serial 3V Memory
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com