Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK91214BN Datasheet(PDF) 10 Page - KODENSHI_AUK CORP.

Part # KK91214BN
Description  Tone/Pulse Dialer with Flash Function
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK91214BN Datasheet(HTML) 10 Page - KODENSHI_AUK CORP.

Back Button KK91214BN Datasheet HTML 3Page - KODENSHI_AUK CORP. KK91214BN Datasheet HTML 4Page - KODENSHI_AUK CORP. KK91214BN Datasheet HTML 5Page - KODENSHI_AUK CORP. KK91214BN Datasheet HTML 6Page - KODENSHI_AUK CORP. KK91214BN Datasheet HTML 7Page - KODENSHI_AUK CORP. KK91214BN Datasheet HTML 8Page - KODENSHI_AUK CORP. KK91214BN Datasheet HTML 9Page - KODENSHI_AUK CORP. KK91214BN Datasheet HTML 10Page - KODENSHI_AUK CORP. KK91214BN Datasheet HTML 11Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
N SUFFIX PLASTIC DIP
(MS - 001BB)
Symbol
MIN
MAX
A
18.67
19.69
B
6.1
7.11
C
5.33
D
0.36
0.56
F
1.14
1.78
G
H
J
0
°
10
°
K
2.92
3.81
NOTES:
L
7.62
8.26
1. Dimensions “A”, “B” do not include mold flash or protrusions.
M
0.2
0.36
Maximum mold flash or protrusions 0.25 mm (0.010) per side.
N
0.38
D SUFFIX SOIC
(MS - 012AC)
Symbol
MIN
MAX
A
9.8
10
B
3.8
4
C
1.35
1.75
D
0.33
0.51
F
0.4
1.27
G
H
J
0
°
8
°
NOTES:
K
0.1
0.25
1. Dimensions A and B do not include mold flash or protrusion.
M
0.19
0.25
2. Maximum mold flash or protrusion 0.15 mm (0.006) per side
P
5.8
6.2
for A; for B ‑ 0.25 mm (0.010) per side.
R
0.25
0.5
5.72
2.54
7.62
1.27
Dimension, mm
Dimension, mm
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
SEATING
PLANE
0.25 (0.010) M T
-T-
1
16
8
9
L
H
M
J
A
B
F
G
D
SEATING
PLANE
N
K
0.25 (0.010) M T
-T-
C
1
16
8
9
KK91214A, KK91214B


Similar Part No. - KK91214BN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK91210E KODENSHI-KK91210E Datasheet
458Kb / 11P
   Tone/Pulse Dialer High-Performance Silicon-Gate CMOS
KK91210EN KODENSHI-KK91210EN Datasheet
458Kb / 11P
   Tone/Pulse Dialer High-Performance Silicon-Gate CMOS
More results

Similar Description - KK91214BN

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL91214 INTEGRAL-IL91214 Datasheet
1,008Kb / 11P
   Tone/Pulse Dialer with Flash Function
logo
Silan Microelectronics ...
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Unisonic Technologies
U9131X UTC-U9131X Datasheet
235Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Silan Microelectronics ...
SC91316 SILAN-SC91316 Datasheet
118Kb / 14P
   TONE / PULSE DIALER WITH REDIAL FUNCTION
logo
Winbond
W91210 WINBOND-W91210 Datasheet
202Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91410 WINBOND-W91410 Datasheet
210Kb / 12P
   TONE/PULSE DIALER WITH SAVE FUNCTION
W91310 WINBOND-W91310 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312N WINBOND-W91312N Datasheet
109Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
List of Unclassifed Man...
SC91710A ETC-SC91710A Datasheet
297Kb / 18P
   TONE / PULSE SWITCHABLE DIALER WITH HANDFREE FUNCTION
logo
Winbond
W91520N WINBOND-W91520N Datasheet
193Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com