Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74128 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KK74128
Description  QUAD 2-INPUT NOR LINE DRIVER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74128 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KK74128 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74128 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74128 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA
KK74128
QUAD 2-INPUT NOR LINE DRIVER
This device contains four independent 2-input-NOR
line drivers. It performs the Boolean function
Y = A+B or Y = A*B. The KK74128 is designed to
drive 50 ohm lines.
The KK74128 is characterized for operation from 0
o
C
to 70
oC.
ORDERING INFORMATION
KK74128N Plastic
KK74128D SOIC
TA = -10° to 70° C for all
packages
Logic Symbol
Logic Diagram (Positive Logic)
(9)
3B
(8)
3A
(6)
2B
(5)
2A
(3)
1B
(13
4Y
(10)
4B
(4)
4A
(1)
3Y
(12
2Y
(11
1Y
(2)
1A
>1
ABSOLUTE MAXIMUM RATINGS OVER OPERATING FREE-AIR TEMPERATURE
RANGE
Supply voltage, Vcc ( see Note 1)
7 V
Input voltage
5.5 V
Operating free-air temperature range, TA
0
oC to 70oC.
Storage temperature range
-65
oC to 150oC
NOTES: 1. Voltage values are with respect to network ground terminal.
1


Similar Part No. - KK74128

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74123 KODENSHI-KK74123 Datasheet
337Kb / 5P
   Dual Monostable Multivibrator with Clear
KK74123N KODENSHI-KK74123N Datasheet
337Kb / 5P
   Dual Monostable Multivibrator with Clear
More results

Similar Description - KK74128

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74128 IKSEMICON-IN74128 Datasheet
173Kb / 3P
   QUAD 2-INPUT NOR LINE DRIVER
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com