Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK54123D Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # KK54123D
Description  GROUND FAULT INTERRUPTER EARTH LEAKAGE CURRENT DETECTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK54123D Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  KK54123D Datasheet HTML 1Page - KODENSHI_AUK CORP. KK54123D Datasheet HTML 2Page - KODENSHI_AUK CORP. KK54123D Datasheet HTML 3Page - KODENSHI_AUK CORP. KK54123D Datasheet HTML 4Page - KODENSHI_AUK CORP. KK54123D Datasheet HTML 5Page - KODENSHI_AUK CORP. KK54123D Datasheet HTML 6Page - KODENSHI_AUK CORP. KK54123D Datasheet HTML 7Page - KODENSHI_AUK CORP. KK54123D Datasheet HTML 8Page - KODENSHI_AUK CORP. KK54123D Datasheet HTML 9Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Recommended Operating Condition: TA=-30°C to 80°C
PARAMETER
SYMBOL
MIN.
TYP.
MAX
UNIT
Supply Voltage
V+
12
V
Vs-GND Capacitor
Cvs
1
µF
OS-GND Capacitor
Cos
1
µF
Electrical Characteristics
PARAMETER
SYMBOL
CONDTIONS
TEMP.
(°C)
MIN.
TYP.
MAX.
UNIT
-30
-
-
580
25
-
400
530
Supply Current 1
lS1
V+=12V,
VR - VI = 30 mV
85
-
-
480
µA
* Trip Voltage
VT
V+ = 16V,
VR - VI = X
-30
85
4
6.1
9
mV
(rms)
Differential
Amplifier
Output Current 1
ITD1
V+ = 16 V,
VR - VI = 30 mV
VOD = 1.2 V
25
-12
-
-30
µA
Differential
Amplifier Output
current 2
ITD2
V+ = 16 V,
VR - VI = short
VOD = 0.8 V
25
17
-
37
µA
lSI = 580µA
-30
-200
-
lSI = 530µA
25
-100
-
Output Current
IO
VSC = 1.4 V
VOS = 0.8 V
lSI = 480µA
85
-75
-
µA
SC ON Voltage
VSC ON
V+ = 16 V
25
0.7
-
1.4
V
SC Input Current
ISC ON
V+ = l2V
25
-
-
5
µA
Output "L" Current
IOSL
V+ = 12 V,
VOSL = 0.2 V
-30
85
200
-
-
µA
Input Clamp
Voltage
VIC
V+ = 12 V,
IIC = 20 mA
-30
85
4.3
-
6.7
V
Differential Input
Clamp Voltage
VIDC
IIDC = 100mA
-30
85
0.4
-
2
V
Max. Current
Voltage
VSM
ISM = 7 mA
25
20
-
28
V
Supply Current 2
IS2
VOS = 0.5 V,
VR - VI = X
-30
85
-
-
1200
µA
Latch Circuit Off
Supply Voltage
V+ OFF
25
0.5
V
Response Time
TON
V+ = 16 V,
VR - VI = 0.3 V
25
1
-
4
ms
KK54123


Similar Part No. - KK54123D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK5009 KODENSHI-KK5009 Datasheet
207Kb / 3P
   Speaker Amplifier
KK5009D KODENSHI-KK5009D Datasheet
207Kb / 3P
   Speaker Amplifier
KK5009N KODENSHI-KK5009N Datasheet
207Kb / 3P
   Speaker Amplifier
logo
ZHEJIANG HUAJING RECTIF...
KK500A HUAJING-KK500A Datasheet
219Kb / 3P
   Fast Turn-off Thyhristor
logo
Shenzhen Luguang Electr...
KK500A LUGUANG-KK500A Datasheet
3Mb / 3P
   FAST TURN-OFF THYRISTORS
More results

Similar Description - KK54123D

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK7104 IKSEMICON-IK7104 Datasheet
1Mb / 12P
   Ground Fault Interrupter Earth Leakage Current Detector
logo
Integral Corp.
IL7101 INTEGRAL-IL7101 Datasheet
348Kb / 9P
   GROUND FAULT INTERRUPTER EARTH LEAKAGE CURRENT DETECTOR
logo
IK Semicon Co., Ltd
IL7101N IKSEMICON-IL7101N_16 Datasheet
901Kb / 8P
   Ground Fault Interrupter Earth Leakage Current Detector
IL7101 IKSEMICON-IL7101 Datasheet
348Kb / 9P
   GROUND FAULT INTERRUPTER EARTH LEAKAGE CURRENT DETECTOR
IL54123 IKSEMICON-IL54123_16 Datasheet
598Kb / 8P
   GROUND FAULT INTERRUPTER EARTH LEAKAGE CURRENT DETECTOR
logo
Integral Corp.
IL54123 INTEGRAL-IL54123 Datasheet
348Kb / 9P
   GROUND FAULT INTERRUPTER EARTH LEAKAGE CURRENT DETECTOR
logo
IK Semicon Co., Ltd
IL54123 IKSEMICON-IL54123 Datasheet
348Kb / 9P
   GROUND FAULT INTERRUPTER EARTH LEAKAGE CURRENT DETECTOR
logo
KODENSHI_AUK CORP.
KK7101 KODENSHI-KK7101 Datasheet
344Kb / 9P
   GROUND FAULT INTERRUPTER EARTH LEAKAGE CURRENT DETECTOR
logo
Mitsubishi Electric Sem...
M54125L MITSUBISHI-M54125L Datasheet
146Kb / 6P
   EARTH LEAKAGE CURRENT DETECTOR
logo
Renesas Technology Corp
M54125L RENESAS-M54125L Datasheet
262Kb / 11P
   Earth Leakage Current Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com