Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK33193D Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KK33193D
Description  Automotive Direction Indicator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK33193D Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KK33193D Datasheet HTML 1Page - KODENSHI_AUK CORP. KK33193D Datasheet HTML 2Page - KODENSHI_AUK CORP. KK33193D Datasheet HTML 3Page - KODENSHI_AUK CORP. KK33193D Datasheet HTML 4Page - KODENSHI_AUK CORP. KK33193D Datasheet HTML 5Page - KODENSHI_AUK CORP. KK33193D Datasheet HTML 6Page - KODENSHI_AUK CORP. KK33193D Datasheet HTML 7Page - KODENSHI_AUK CORP. KK33193D Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KK33193
MAXIMUM RATINGS
*
Rating
Simbol
Value
Unit
Pin1 Positive Current (Continious/Pulse)
I1+
150 to 500
mA
Pin1 Negative Current (Continious/Pulse)
I1-
-35 to -500
mA
Current (Continious/Pulse)
I2
±350 to ±1900
mA
Current (Continious/Pulse)
I3
±300 to ±1400
mA
Current (Continious/Pulse)
I8
±25 to ±50
mA
ESD(Aii Pins Except Pin4 for Negative Pulse)
VESD
±2000
°V
ESD(Pin 4 Negative Pulse)
VESD4-
-1000
°V
Jinction Temperature
TJ
150
°C
Operation Ambient Temperature Range
TA
-40 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (-45OC ≤ TA ≤ +125 OC, 8.0 V ≤ VCC ≤ 18.0 V, unless otherwise noted.
Typical values reflect approximate mean at TA= 25
OC, VCC = 14 V at the time of initial device characterization.)
Characteristic
Symbol
Min
Max
Unit
Battery Voltage Range (Normal Operation)
Vb
8.0
18
V
Overvoltage Detector Threshold (VPin2 – VPin1)
Vih
19
22
V
Clamping Voltage (R2 = 220
Ω)
Vcl
27
34
V
Output Voltage [I = -250 mA (VPin2 – VPin3)]
Vsat
-
1.5
V
Starter Resistance (Rst = R2 +RLamp)
Rst
-
3.6
k
Oscillator Constant (Normal Operation, TA= 25
OC)
Kn
1.3
1.75
Temperature Coefficient of Kn
TCKn
-
-
1/ OC
Duty Cycle (Normal Operation)
-
45
55
%
Oscillator Constant (One 21 W Lamp Defect, TA= 25
OC)
Kf
0.59
0.75
Duty Cycle(One 21 W Lamp Defect)
-
35
45
%
Oscillator Constant (TA= 25
OC)
K1
K2
0.150
0.200
0.240
0.290
Standby Current (Ignition «Off»)
ICC
-
100
µA
Current Consumption (Relay «Off», Enable Pin 6 High)
Vbat = 13.5 V, R3 = 220 Ω
ICC
-
3.5
mA
Current Consumption (Relay «On»)
Vbat = 13.5 V, R3 = 220 Ω
ICC
-
6.0
mA
Defect Lamp Detector [R3 = 220
Ω, (VPin2 – VPin7)]
Vbat = 13.5 V
VS
42.5
56
mV
2


Similar Part No. - KK33193D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK33197A KODENSHI-KK33197A Datasheet
222Kb / 7P
   Automotive Wash Wiper Timer
KK33197AD KODENSHI-KK33197AD Datasheet
222Kb / 7P
   Automotive Wash Wiper Timer
KK33197AD-01 KODENSHI-KK33197AD-01 Datasheet
222Kb / 7P
   Automotive Wash Wiper Timer
KK33197AN KODENSHI-KK33197AN Datasheet
222Kb / 7P
   Automotive Wash Wiper Timer
KK33197AN-01 KODENSHI-KK33197AN-01 Datasheet
222Kb / 7P
   Automotive Wash Wiper Timer
More results

Similar Description - KK33193D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33193 MOTOROLA-MC33193 Datasheet
262Kb / 8P
   Automotive Direction Indicator
logo
IK Semicon Co., Ltd
IL33193 IKSEMICON-IL33193_16 Datasheet
407Kb / 9P
   Automotive Direction Indicator
IL33193A IKSEMICON-IL33193A Datasheet
397Kb / 8P
   Automotive Direction Indicator
IL33193 IKSEMICON-IL33193 Datasheet
249Kb / 8P
   Automotive Direction Indicator
logo
Integral Corp.
IL33193 INTEGRAL-IL33193 Datasheet
247Kb / 8P
   Automotive Direction Indicator
logo
Motorola, Inc
UAA1041B MOTOROLA-UAA1041B Datasheet
92Kb / 4P
   AUTOMOTIVE DIRECTION INDICATOR
logo
IK Semicon Co., Ltd
IL33193-03N IKSEMICON-IL33193-03N Datasheet
717Kb / 6P
   Automotive Direction Indicator
logo
STMicroelectronics
L9686MD013TR STMICROELECTRONICS-L9686MD013TR Datasheet
614Kb / 7P
   AUTOMOTIVE DIRECTION INDICATOR
L9686 STMICROELECTRONICS-L9686 Datasheet
60Kb / 7P
   AUTOMOTIVE DIRECTION INDICATOR
logo
ARTSCHIP ELECTRONICS CO...
MC33193 ARTSCHIP-MC33193 Datasheet
385Kb / 8P
   Automotive Direction Indicator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com