Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK33091AN Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KK33091AN
Description  Powerful High-grade FET driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK33091AN Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KK33091AN Datasheet HTML 1Page - KODENSHI_AUK CORP. KK33091AN Datasheet HTML 2Page - KODENSHI_AUK CORP. KK33091AN Datasheet HTML 3Page - KODENSHI_AUK CORP. KK33091AN Datasheet HTML 4Page - KODENSHI_AUK CORP. KK33091AN Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KK33091A
Features.
• Works with a wide variety of N-channel power field transistors
• Input of control compatible with CMOS logic
• Built in pumping of charge without external components
• Detection and protection from shorted load and current exceeding
• Failure unit reporting a FET overcurrent and shorted load condition
• Possibility to connect induced loads
• Forward overvoltage and battery polarity reverse protection
• Extended range of operating temperatures
Table of Maximum operation ratings and absolute maximum ratings .
Maximum operation ratings and absolute maximum ratings of exploitation
Name of parameter , unit of
measurement
Symbol
Maximum operation
rating
Absolute maximum
rating
Standard
Standard
min
max
min
max
1
2
3
4
5
6
supply voltage on output VCC (pin
05), V
VCC
7,0
24,0
-0,7
28,0
Consumption current in mode of
limiting by protection (input 05),
DIP package
SO-8 package
IC
10
1,0
Range of adjusting voltage on input
Input (pin 07),V
(direct voltage)
Vin
-0,7
28,0
range of voltage, delivered to pin
»» (pin 06), V
(direct voltage)
VOUT
-0.7
28,0
Temperature of chip,
°С
TJ
-65
150
Temperature of storage,
°С
TSTG
-65
150
operation range of ambient
temperatures,
°С
ТA
-40
125
-65
150
2


Similar Part No. - KK33091AN

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
KK3300A LUGUANG-KK3300A Datasheet
3Mb / 3P
   FAST TURN-OFF THYRISTORS
logo
KODENSHI_AUK CORP.
KK33035 KODENSHI-KK33035 Datasheet
158Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
More results

Similar Description - KK33091AN

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL33091A IKSEMICON-IL33091A_11 Datasheet
158Kb / 5P
   Powerful High-grade FET driver
IL33091A IKSEMICON-IL33091A_16 Datasheet
316Kb / 5P
   Powerful High-grade FET driver
logo
Integral Corp.
IL33091AN INTEGRAL-IL33091AN Datasheet
143Kb / 5P
   Powerful High-grade FET driver
logo
IK Semicon Co., Ltd
IL33091A IKSEMICON-IL33091A Datasheet
224Kb / 5P
   Powerful High-grade FET driver
logo
Texas Instruments
UC1710 TI-UC1710 Datasheet
72Kb / 4P
[Old version datasheet]   High Current FET Driver
UC1710 TI1-UC1710_15 Datasheet
101Kb / 7P
[Old version datasheet]   High Current FET Driver
UC1710 TI1-UC1710_11 Datasheet
104Kb / 6P
[Old version datasheet]   High Current FET Driver
UC1710 TI-UC1710_V01 Datasheet
253Kb / 9P
[Old version datasheet]   High Current FET Driver
logo
List of Unclassifed Man...
N567GXXX ETC2-N567GXXX Datasheet
638Kb / 15P
   powerful microcontroller
logo
Texas Instruments
UC1709 TI-UC1709 Datasheet
178Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED FET DRIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com