Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK8040D Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KK8040D
Description  Melody Generator with Accompaniment
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK8040D Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KK8040D Datasheet HTML 1Page - KODENSHI_AUK CORP. KK8040D Datasheet HTML 2Page - KODENSHI_AUK CORP. KK8040D Datasheet HTML 3Page - KODENSHI_AUK CORP. KK8040D Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA
KK8040
Melody Generator with Accompaniment
FEATURES
• Two Sound Sources with Envelope (CR Envelope)
• Melody is inserted up to four.
• According to customer’s request, the inserted melody is flexible.
• 3.0V to 5.0V Operating Voltage
• DC or AC Triggered Performance Start Mode (Mask Selected)
• Can Drive an 8 Ohm Dynamic Loudspeaker if Provided Externally with a
Transistor
• Bare chip or 16-pin DIP (Plastic) Package available
DESCRIPTION
The KK8040 is a CMOS LSI chip, which plays a prearranged melodies.
ABSOLUTE MAXIMUM RATINGS ( Ta = 25
oC )
Characteristic
Symbol
Value
Unit
Power Supply Voltage
VDD
- 0.3 to + 7.0
V
Input Terminal Voltage
V10
- 0.2 to VDD + 0.2
V
Operating Temperature
Ta
-40 to + 85 (VSS = 1.5V)
oC
Storage Temperature
Tstg
- 65 to + 150
oC
Soldering Temperature and Time
Tsol
260
oC, 10s (at lead)
ELECTRICAL CHARACTERISTICS (VDD = 5V, Ta = 25
oC; unless otherwise specified)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Operating Voltage
VDD
3.0
5.0
5.5
V
Input Voltage
“1”
VIH
VDD - 0.3
-
VDD
V
“0”
VIL
VSS
-
VSS + 0.3
MT Power Supply Time
150
ms
Response Time
600
ms
MO OUTPUT PIN EQUIVALENT CIRCUIT
ORDERING INFORMATION
KK8040N Plastic
KK8040D
SOIC
TA = -40° to 85° C for all packages
Accompaniment
Main Melody
MO Pin
Inside of BT8032
130k
150k
Inside of KK8040
1


Similar Part No. - KK8040D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK8048 KODENSHI-KK8048 Datasheet
197Kb / 4P
   Melody Generator with Accompaniment
KK8048D KODENSHI-KK8048D Datasheet
197Kb / 4P
   Melody Generator with Accompaniment
KK8048N KODENSHI-KK8048N Datasheet
197Kb / 4P
   Melody Generator with Accompaniment
More results

Similar Description - KK8040D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK8048 KODENSHI-KK8048 Datasheet
197Kb / 4P
   Melody Generator with Accompaniment
logo
List of Unclassifed Man...
UM3491 ETC2-UM3491 Datasheet
300Kb / 4P
   Melody Generator With Accompaniment
logo
Integral Corp.
BT8040 INTEGRAL-BT8040 Datasheet
207Kb / 4P
   Melody Generator with Accompaniment
BT8048 INTEGRAL-BT8048 Datasheet
179Kb / 4P
   Melody Generator with Accompaniment
logo
List of Unclassifed Man...
BT8031 ETC2-BT8031 Datasheet
266Kb / 2P
   MELODY GENERATOR WITH ACCOMPANEMENT
MMC334 ETC-MMC334 Datasheet
42Kb / 1P
   MELODY GENERATOR
HTC750 ETC-HTC750 Datasheet
149Kb / 6P
   Melody Generator
IZ8057 ETC-IZ8057 Datasheet
72Kb / 7P
   MULTI MELODY GENERATOR WITH ACCOMPANEMENT
logo
Motorola, Inc
MC68HC05F6 MOTOROLA-MC68HC05F6 Datasheet
82Kb / 3P
   MCU with DTMF/melody generator
logo
Micro Electronics
M66 MICRO-ELECTRONICS-M66 Datasheet
50Kb / 2P
   IMPLE MELODY GENERATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com