Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK8040N Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # KK8040N
Description  Melody Generator with Accompaniment
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK8040N Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  KK8040N Datasheet HTML 1Page - KODENSHI_AUK CORP. KK8040N Datasheet HTML 2Page - KODENSHI_AUK CORP. KK8040N Datasheet HTML 3Page - KODENSHI_AUK CORP. KK8040N Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KK8040
APPLICATION CIRCUIT (basic external connection)
Amplifier
(KK34119)
Speaker out
or Buzzer
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
04
03
02
01
08
07
06
05
Rx1
Rx4
Rx2
Rx3
470Ω
100Ω 1W
1N4004
1N4004
12V
Rx1 = Buzzer(1MΩ), Speaker(2.2k)
Rx2,Rx3 = VR (Rx2 = 20k~50k, Rx3 = 5k~10k)
Rx4 = Speed VR (500k~1.5MΩ)
104
ON / OFF
OSC1
OSC2
TST2
MT
SEL2
SEL1
B/E
Vss
Vdd
OUT2
OUT1
P1
MO
ENV2
ENV1
TST1
RECOMMENDED CONDITIONS FOR EXTERNAL DEVICES
Symbol
Ratings
Unit
Symbol
Ratings
Unit
VR1
1 - 2
M
C1
4.7
µF
VR2
50
k
C2
4.7
µF
R1
100
k
C3
0.1
µF
R2
100
k
-
-
-
SELECTION CONDITION FOR MELODY
Condition
#5
#6
Melody
High
High
*Test melody
High
Low
*Ding – Dong
Low
High
*Do – Mi – Sol – Do
Low
Low
*Do- Sol – Mi - Do
* Revision & Injection of Melody is possible according to customer’s request.
3


Similar Part No. - KK8040N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK8048 KODENSHI-KK8048 Datasheet
197Kb / 4P
   Melody Generator with Accompaniment
KK8048D KODENSHI-KK8048D Datasheet
197Kb / 4P
   Melody Generator with Accompaniment
KK8048N KODENSHI-KK8048N Datasheet
197Kb / 4P
   Melody Generator with Accompaniment
More results

Similar Description - KK8040N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK8048 KODENSHI-KK8048 Datasheet
197Kb / 4P
   Melody Generator with Accompaniment
logo
List of Unclassifed Man...
UM3491 ETC2-UM3491 Datasheet
300Kb / 4P
   Melody Generator With Accompaniment
logo
Integral Corp.
BT8040 INTEGRAL-BT8040 Datasheet
207Kb / 4P
   Melody Generator with Accompaniment
BT8048 INTEGRAL-BT8048 Datasheet
179Kb / 4P
   Melody Generator with Accompaniment
logo
List of Unclassifed Man...
BT8031 ETC2-BT8031 Datasheet
266Kb / 2P
   MELODY GENERATOR WITH ACCOMPANEMENT
MMC334 ETC-MMC334 Datasheet
42Kb / 1P
   MELODY GENERATOR
HTC750 ETC-HTC750 Datasheet
149Kb / 6P
   Melody Generator
IZ8057 ETC-IZ8057 Datasheet
72Kb / 7P
   MULTI MELODY GENERATOR WITH ACCOMPANEMENT
logo
Motorola, Inc
MC68HC05F6 MOTOROLA-MC68HC05F6 Datasheet
82Kb / 3P
   MCU with DTMF/melody generator
logo
Micro Electronics
M66 MICRO-ELECTRONICS-M66 Datasheet
50Kb / 2P
   IMPLE MELODY GENERATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com