Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK8028C-002 Datasheet(PDF) 6 Page - KODENSHI_AUK CORP.

Part # KK8028C-002
Description  SIMPLE MELODY GENERATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK8028C-002 Datasheet(HTML) 6 Page - KODENSHI_AUK CORP.

  KK8028C-002 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK8028C-002 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK8028C-002 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK8028C-002 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK8028C-002 Datasheet HTML 5Page - KODENSHI_AUK CORP. KK8028C-002 Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
N SUFFIX PLASTIC DIP
(MS – 001BA)
Symbol
MIN
MAX
A
8.51
10.16
B
6.1
7.11
C
5.33
D
0.36
0.56
F
1.14
1.78
G
H
J
10°
K
2.92
3.81
NOTES:
L
7.62
8.26
1. Dimensions “A”, “B” do not include mold flash or protrusions.
M
0.2
0.36
Maximum mold flash or protrusions 0.25 mm (0.010) per side.
N
0.38
Dimension, mm
2.54
7.62
L
H
M
J
A
B
F
G
D
SEATING
PLANE
N
K
0.25 (0.010) M
T
-T-
C
1
8
4
5
6
KK8028-xx


Similar Part No. - KK8028C-002

ManufacturerPart #DatasheetDescription
logo
ZHEJIANG HUAJING RECTIF...
KK800A HUAJING-KK800A Datasheet
222Kb / 3P
   Fast Turn-off Thyhristor
logo
Shenzhen Luguang Electr...
KK800A LUGUANG-KK800A Datasheet
3Mb / 3P
   FAST TURN-OFF THYRISTORS
logo
KODENSHI_AUK CORP.
KK8031-XX KODENSHI-KK8031-XX Datasheet
159Kb / 3P
   CMOS LSI chip,
KK8040 KODENSHI-KK8040 Datasheet
228Kb / 4P
   Melody Generator with Accompaniment
KK8040D KODENSHI-KK8040D Datasheet
228Kb / 4P
   Melody Generator with Accompaniment
More results

Similar Description - KK8028C-002

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
M67 MICRO-ELECTRONICS-M67 Datasheet
50Kb / 2P
   SIMPLE MELODY GENERATOR
logo
List of Unclassifed Man...
FT66T-XX ETC2-FT66T-XX Datasheet
214Kb / 2P
   SIMPLE MELODY GENERATOR
UM338 ETC2-UM338 Datasheet
359Kb / 5P
   Simple Melody Generator
logo
Integral Corp.
BT8028 INTEGRAL-BT8028 Datasheet
206Kb / 6P
   SIMPLE MELODY GENERATOR
logo
List of Unclassifed Man...
UM3161G ETC2-UM3161G Datasheet
94Kb / 1P
   Simple Melody Generator
logo
Micro Electronics
M66T MICRO-ELECTRONICS-M66T Datasheet
46Kb / 2P
   SIMPLE MELODY GENERATOR
M67T MICRO-ELECTRONICS-M67T Datasheet
46Kb / 2P
   SIMPLE MELODY GENERATOR
logo
UMC Corporation
UM66T UMC-UM66T Datasheet
288Kb / 4P
   SIMPLE MELODY GENERATOR
logo
List of Unclassifed Man...
BT66T ETC1-BT66T Datasheet
84Kb / 3P
   SIMPLE MELODY GENERATOR
logo
BOWIN ELECTRONIC CO.
UM66T-68L BOWIN-UM66T-68L Datasheet
27Kb / 2P
   UM66T Simple Melody Generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com