Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK5851N Datasheet(PDF) 7 Page - KODENSHI_AUK CORP.

Part # KK5851N
Description  PULSE DIALER WITH REDIAL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK5851N Datasheet(HTML) 7 Page - KODENSHI_AUK CORP.

  KK5851N Datasheet HTML 1Page - KODENSHI_AUK CORP. KK5851N Datasheet HTML 2Page - KODENSHI_AUK CORP. KK5851N Datasheet HTML 3Page - KODENSHI_AUK CORP. KK5851N Datasheet HTML 4Page - KODENSHI_AUK CORP. KK5851N Datasheet HTML 5Page - KODENSHI_AUK CORP. KK5851N Datasheet HTML 6Page - KODENSHI_AUK CORP. KK5851N Datasheet HTML 7Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
N SUFFIX PLASTIC DIP
(MS - 001AC)
Symbol
MIN
MAX
A
22.35
23.37
B
6.1
7.11
C
5.33
D
0.36
0.56
F
1.14
1.78
G
H
J
0
°
10
°
K
2.92
3.81
NOTES:
L
7.62
8.26
1. Dimensions “A”, “B” do not include mold flash or protrusions.
M
0.2
0.36
Maximum mold flash or protrusions 0.25 mm (0.010) per side.
N
0.38
2.54
7.62
Dimension, mm
L
H
M
J
A
B
F
G
D
SEATING
PLANE
N
K
0.25 (0.010) M
T
-T-
C
1
18
9
10
7
KK5851


Similar Part No. - KK5851N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK5009 KODENSHI-KK5009 Datasheet
207Kb / 3P
   Speaker Amplifier
KK5009D KODENSHI-KK5009D Datasheet
207Kb / 3P
   Speaker Amplifier
KK5009N KODENSHI-KK5009N Datasheet
207Kb / 3P
   Speaker Amplifier
logo
ZHEJIANG HUAJING RECTIF...
KK500A HUAJING-KK500A Datasheet
219Kb / 3P
   Fast Turn-off Thyhristor
logo
Shenzhen Luguang Electr...
KK500A LUGUANG-KK500A Datasheet
3Mb / 3P
   FAST TURN-OFF THYRISTORS
More results

Similar Description - KK5851N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL5851 INTEGRAL-IL5851 Datasheet
288Kb / 7P
   PULSE DIALER WITH REDIAL
IN5851 INTEGRAL-IN5851 Datasheet
255Kb / 7P
   PULSE DIALER WITH REDIAL
logo
List of Unclassifed Man...
HM9100A1 ETC-HM9100A1 Datasheet
67Kb / 1P
   TOUCH PULSE DIALER WITH REDIAL
logo
Samsung semiconductor
KS58006 SAMSUNG-KS58006 Datasheet
101Kb / 8P
   TONE/PULSE DIALER WITH REDIAL
KS5805 SAMSUNG-KS5805 Datasheet
305Kb / 6P
   TELEPHONE PULSE DIALER WITH REDIAL
logo
Winbond
WE9192 WINBOND-WE9192 Datasheet
324Kb / 7P
   TOUCH PULSE DIALER WITH REDIAL
logo
List of Unclassifed Man...
HM9101AY ETC-HM9101AY Datasheet
82Kb / 1P
   TONE/PULSE SWITCHABLE DIALER WITH REDIAL
logo
Silan Microelectronics ...
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Unisonic Technologies
U9131X UTC-U9131X Datasheet
235Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Silan Microelectronics ...
SC91316 SILAN-SC91316 Datasheet
118Kb / 14P
   TONE / PULSE DIALER WITH REDIAL FUNCTION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com