Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK4503BD Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # KK4503BD
Description  Hex Buffer High-Voltage Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK4503BD Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  KK4503BD Datasheet HTML 1Page - KODENSHI_AUK CORP. KK4503BD Datasheet HTML 2Page - KODENSHI_AUK CORP. KK4503BD Datasheet HTML 3Page - KODENSHI_AUK CORP. KK4503BD Datasheet HTML 4Page - KODENSHI_AUK CORP. KK4503BD Datasheet HTML 5Page - KODENSHI_AUK CORP. KK4503BD Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KK4503B
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
≥-55°C
25
°C
≤125
°C
Unit
VIH
Minimum High-Level
Input Voltage
VOUT= VCC - 0.5V
VOUT= VCC - 1.0 V
VOUT= VCC - 1.5V
5.0
10
15
3.5
7
11
3.5
7
11
3.5
7
11
V
VIL
Maximum Low -
Level Input Voltage
VOUT=0.5 V
VOUT=1 V
VOUT=1.5
5.0
10
15
1.5
3
4
1.5
3
4
1.5
3
4
V
VOH
Minimum High-Level
Output Voltage
VIN= VCC
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
4.95
9.95
14.95
V
VOL
Maximum Low-Level
Output Voltage
VIN=GND
5.0
10
15
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
V
IIN
Maximum Input
Leakage Current
VIN= GND or VCC
18
±0.1
±0.1
±1.0
µA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN= GND or VCC
5.0
10
15
20
1
2
4
20
1
2
4
20
30
60
120
600
µA
IOL
Minimum Output
Low (Sink) Current
VIN= GND or VCC
UOL=0.4 V
UOL=0.5 V
UOL=1.5 V
5.0
10
15
2.6
6.5
19.2
2.1
5.5
16.1
1.3
3.8
11.2
mA
IOH
Minimum Output
High (Source) Current
VIN= GND or VCC
UOH=2.5 V
UOH=4.6 V
UOH=9.5 V
UOH=13.5 V
5.0
5.0
10
15
-1.2
-5.8
-3.1
-8.2
-1.02
-4.8
-2.6
-6.8
-0.7
-3
--1.8
-4.8
mA
IOZ
Maximum Tree-State
Leakage Current
Output in High-Impedance
State
VIN= GND or VCC
VOUT= GND or VCC
18
±0.4
±0.4
±12
µA
3


Similar Part No. - KK4503BD

ManufacturerPart #DatasheetDescription
logo
D+H Mechatronic AG
KK4503 DH-KK4503 Datasheet
443Kb / 2P
   SHEV control panel - compact
More results

Similar Description - KK4503BD

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IW4503B IKSEMICON-IW4503B Datasheet
201Kb / 6P
   Hex Buffer High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4050B KODENSHI-KK4050B Datasheet
218Kb / 5P
   Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IW4050B INTEGRAL-IW4050B Datasheet
112Kb / 4P
   Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4049B KODENSHI-KK4049B Datasheet
222Kb / 5P
   Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4050B IKSEMICON-IW4050B Datasheet
151Kb / 5P
   Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IW4049UB INTEGRAL-IW4049UB Datasheet
149Kb / 4P
   HEX BUFFER/CONVERTER High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4049B IKSEMICON-IW4049B Datasheet
154Kb / 5P
   Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IW4502B INTEGRAL-IW4502B Datasheet
188Kb / 5P
   Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4502B KODENSHI-KK4502B Datasheet
298Kb / 6P
   Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4502B IKSEMICON-IW4502B Datasheet
211Kb / 6P
   Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com