Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK4053BN Datasheet(PDF) 7 Page - KODENSHI_AUK CORP.

Part # KK4053BN
Description  Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK4053BN Datasheet(HTML) 7 Page - KODENSHI_AUK CORP.

  KK4053BN Datasheet HTML 1Page - KODENSHI_AUK CORP. KK4053BN Datasheet HTML 2Page - KODENSHI_AUK CORP. KK4053BN Datasheet HTML 3Page - KODENSHI_AUK CORP. KK4053BN Datasheet HTML 4Page - KODENSHI_AUK CORP. KK4053BN Datasheet HTML 5Page - KODENSHI_AUK CORP. KK4053BN Datasheet HTML 6Page - KODENSHI_AUK CORP. KK4053BN Datasheet HTML 7Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
KK4053B
N SUFFIX PLASTIC
(MS - 001BB)
L
H
M
J
A
B
F
G
D
SEATING
PLANE
N
K
0.25 (0.010) M T
-T-
C
1
16
8
9
Dimensions, mm
Symbol
MIN
MAX
A
18.67
19.69
B
6.10
7.11
C
5.33
D
0.36
0.56
F
1.14
1.78
G
2.54
H
7.62
J
0
°
10
°
K
2.92
3.81
L
7.62
8.26
M
0.20
0.36
N
0.38
NOTES:
1. imensions “A”, “B” do not include mold flash or protrusions.
Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC
(MS - 012AC)
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
SEATING
PLANE
0.25 (0.010) M T
-T-
1
16
8
9
Dimensions, mm
Symbol.
MIN
MAX
A
9.80
10.0
B
3.80
4.00
C
1.35
1.75
D
0.33
0.51
F
0.40
1.27
G
1.27
H
5.72
J
0
°
8
°
K
0.10
0.25
M
0.19
0.25
P
5.80
6.20
R
0.25
0.50
NOTES:
1.Dimensions A and B do not include mold flash or protrusion.
2.Maximum mold flash or protrusion 0.15 mm (0.006) per side for A, for
B - 0.25 mm (0.010) per side.
7


Similar Part No. - KK4053BN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK4050B KODENSHI-KK4050B Datasheet
218Kb / 5P
   Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
KK4050BD KODENSHI-KK4050BD Datasheet
218Kb / 5P
   Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
KK4050BN KODENSHI-KK4050BN Datasheet
218Kb / 5P
   Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
KK4051B KODENSHI-KK4051B Datasheet
316Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
KK4051BD KODENSHI-KK4051BD Datasheet
316Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
More results

Similar Description - KK4053BN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IW4052B ETC-IW4052B Datasheet
196Kb / 6P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC4052A KODENSHI-KK74HC4052A Datasheet
300Kb / 8P
   Analog Multiplexer/Demultiplexer High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC4053A IKSEMICON-IN74HC4053A Datasheet
225Kb / 9P
   Analog Multiplexer/Demultiplexer High-Performance Silicon-Gate CMOS
IW4051B IKSEMICON-IW4051B Datasheet
236Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
IW4052B IKSEMICON-IW4052B Datasheet
256Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
IW4053B IKSEMICON-IW4053B Datasheet
194Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4052B KODENSHI-KK4052B Datasheet
340Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL4052B SLS-SL4052B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
SL74HC4052 SLS-SL74HC4052 Datasheet
88Kb / 9P
   Analog Multiplexer/Demultiplexer(High-Performance Silicon-Gate CMOS)
logo
ON Semiconductor
MC74LVX4053 ONSEMI-MC74LVX4053 Datasheet
141Kb / 16P
   Analog Multiplexer/ Demultiplexer High-Performance Silicon-Gate CMOS
January, 2002 ??Rev. 4
MC74LVXT4051 ONSEMI-MC74LVXT4051 Datasheet
153Kb / 16P
   ANALOG MULTIPLEXER DEMULTIPLEXER HIGH-PERFORMANCE SILICON-GATE CMOS
January, 2002 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com