Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIBPAL16R8-20MFKB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TIBPAL16R8-20MFKB
Description  HIGH-PERFORMANCE IMPACT E PAL) CIRCUITS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIBPAL16R8-20MFKB Datasheet(HTML) 1 Page - Texas Instruments

  TIBPAL16R8-20MFKB Datasheet HTML 1Page - Texas Instruments TIBPAL16R8-20MFKB Datasheet HTML 2Page - Texas Instruments TIBPAL16R8-20MFKB Datasheet HTML 3Page - Texas Instruments TIBPAL16R8-20MFKB Datasheet HTML 4Page - Texas Instruments TIBPAL16R8-20MFKB Datasheet HTML 5Page - Texas Instruments TIBPAL16R8-20MFKB Datasheet HTML 6Page - Texas Instruments TIBPAL16R8-20MFKB Datasheet HTML 7Page - Texas Instruments TIBPAL16R8-20MFKB Datasheet HTML 8Page - Texas Instruments TIBPAL16R8-20MFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TIBPAL 16L8-15C, TIBPAL 16R4-15C, TIBPAL 16R6-15C, TIBPAL 16R8-15C
TIBPAL 16L8-20M, TIBPAL 16R4-20M, TIBPAL 16R6-20M, TIBPAL 16R8-20M
HIGH-PERFORMANCE IMPACT
™ PAL® CIRCUITS
SRPS019A – FEBRUARY 1984 – REVISED APRIL 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D High-Performance Operation:
Propagation Delay
C Suffix . . . 15 ns Max
M Suffix . . . 20 ns Max
D Functionally Equivalent, but Faster Than
PAL16L8A, PAL16R4A, PAL16R6A, and
PAL16R8A
D Power-Up Clear on Registered Devices (All
Register Outputs Are Set High, but Voltage
Levels at the Output Pins Go Low)
D Package Options Include Both Plastic and
Ceramic Chip Carriers in Addition to
Plastic and Ceramic DIPs
D Dependable Texas Instruments Quality and
Reliability
DEVICE
I
INPUTS
3-STATE
O
OUTPUTS
REGISTERED
Q
OUTPUTS
I/O
PORTS
PAL16L8
10
2
0
6
PAL16R4
8
0
4 (3-state
buffers)
4
PAL16R6
8
0
6 (3-state
buffers)
2
PAL16R8
8
0
8 (3-state
buffers)
0
description
These programmable array logic devices feature
high speed and functional equivalency when
compared with currently available devices. These
IMPACT
™ circuits combine the latest Advanced
Low-Power Schottky technology with proven
titanium-tungsten
fuses
to
provide
reliable,
high-performance substitutes for conventional
TTL logic. Their easy programmability allows for
quick design of custom functions and typically
results in a more compact circuit board. In
addition, chip carriers are available for further
reduction in board space.
The TIBPAL16’ C series is characterized from 0
°C
to 75
°C. The TIBPAL16’ M series is characterized
for operation over the full military temperature
range of –55
°C to 125°C.
These devices are covered by U.S. Patent 4,410,987.
IMPACT is a trademark of Texas Instruments.
PAL is a registered trademark of Advanced Micro Devices Inc.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
I
I
I
I
I
I
I
I
I
GND
VCC
O
I/O
I/O
I/O
I/O
I/O
I/O
O
I
TIBPAL16L8’
C SUFFIX ...J OR N PACKAGE
M SUFFIX ...J OR W PACKAGE
(TOP VIEW)
4
5
6
7
8
18
17
16
15
14
I/O
I/O
I/O
I/O
I/O
I
I
I
I
I
TIBPAL16L8’
C SUFFIX . . . FN PACKAGE
M SUFFIX . . . FK PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13


Similar Part No. - TIBPAL16R8-20MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL16R8-20MFKB TI-TIBPAL16R8-20MFKB Datasheet
311Kb / 19P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT PAL CIRCUITS
TIBPAL16R8-20MFKB TI1-TIBPAL16R8-20MFKB Datasheet
493Kb / 24P
[Old version datasheet]   HIGH-PERFFORMANCE IMPACT
More results

Similar Description - TIBPAL16R8-20MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL16L8-15C TI-TIBPAL16L8-15C Datasheet
287Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-15C TI-TIBPAL20L8-15C Datasheet
184Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-15C TI1-TIBPAL20L8-15C_15 Datasheet
396Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-15M TI-TIBPAL16L8-15M Datasheet
249Kb / 13P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-5C TI-TIBPAL16L8-5C Datasheet
295Kb / 30P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-7C TI-TIBPAL16L8-7C Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8 TI-TIBPAL16L8 Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL20L8-7C TI-TIBPAL20L8-7C Datasheet
210Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-25C TI-TIBPAL16L8-25C Datasheet
287Kb / 19P
[Old version datasheet]   LOW-POWER HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-25C TI-TIBPAL20L8-25C Datasheet
184Kb / 17P
[Old version datasheet]   LOW-POWER HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com