Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK4051BN Datasheet(PDF) 5 Page - KODENSHI_AUK CORP.

Part # KK4051BN
Description  Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK4051BN Datasheet(HTML) 5 Page - KODENSHI_AUK CORP.

  KK4051BN Datasheet HTML 1Page - KODENSHI_AUK CORP. KK4051BN Datasheet HTML 2Page - KODENSHI_AUK CORP. KK4051BN Datasheet HTML 3Page - KODENSHI_AUK CORP. KK4051BN Datasheet HTML 4Page - KODENSHI_AUK CORP. KK4051BN Datasheet HTML 5Page - KODENSHI_AUK CORP. KK4051BN Datasheet HTML 6Page - KODENSHI_AUK CORP. KK4051BN Datasheet HTML 7Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
KK4051B
ADDITIONAL APPLICATION CHARACTERISTICS
Limits
VCC
VIS
**
Typical Value
Symbol
Parameter
Test Conditions
V
V
25
°C
Unit
BW
Maximum On-
Channel
Bandwidth or
Minimum
Frequency
Response (-3db)
VEE=GND=0
RL=1kΩ
20 log(VOS/VIS)=-3db
VOS at Common OUT/IN
10
2,5
20
MHz
VOS at Any Channel
10
2,5
60
f1
(-40db)
Feedthrough
Frequency (All
Channels OFF)
VEE=GND=0
RL=1kΩ
20 log(VOS/VIS)=-40db
VOS at Common OUT/IN
10
2,5
12
MHz
VOS at Any Channel
10
2,5
8
f2
(-40db)
Signal Crosstalk
Frequency
VEE=GND=0
RL=1kΩ
20 log(VOS/VIS)=-40db
Between Any 2 Channels
10
2,5
3
MHz
THD
Total Harmonic
Distortion
VEE=GND=0
fIS=1kHz sine wave
5
10
15
1
1,5
2,5
0.3
0.2
0.12
%
VAO/I
Address-or
Enable to Signal
Crosstalk
VEE=GND=0, RL=10kΩ***
tr,tf=20ns
Square Wave
10
-
65
mV
(Peak)
** Peak-to-peak voltage symmetrical about (VCC-VEE)/2.
*** Both ends of channel.
5


Similar Part No. - KK4051BN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK4050B KODENSHI-KK4050B Datasheet
218Kb / 5P
   Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
KK4050BD KODENSHI-KK4050BD Datasheet
218Kb / 5P
   Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
KK4050BN KODENSHI-KK4050BN Datasheet
218Kb / 5P
   Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
KK4052B KODENSHI-KK4052B Datasheet
340Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
KK4052BD KODENSHI-KK4052BD Datasheet
340Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
More results

Similar Description - KK4051BN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IW4052B ETC-IW4052B Datasheet
196Kb / 6P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC4052A KODENSHI-KK74HC4052A Datasheet
300Kb / 8P
   Analog Multiplexer/Demultiplexer High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC4053A IKSEMICON-IN74HC4053A Datasheet
225Kb / 9P
   Analog Multiplexer/Demultiplexer High-Performance Silicon-Gate CMOS
IW4051B IKSEMICON-IW4051B Datasheet
236Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
IW4052B IKSEMICON-IW4052B Datasheet
256Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
IW4053B IKSEMICON-IW4053B Datasheet
194Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4052B KODENSHI-KK4052B Datasheet
340Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL4052B SLS-SL4052B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
SL74HC4052 SLS-SL74HC4052 Datasheet
88Kb / 9P
   Analog Multiplexer/Demultiplexer(High-Performance Silicon-Gate CMOS)
logo
ON Semiconductor
MC74LVX4053 ONSEMI-MC74LVX4053 Datasheet
141Kb / 16P
   Analog Multiplexer/ Demultiplexer High-Performance Silicon-Gate CMOS
January, 2002 ??Rev. 4
MC74LVXT4051 ONSEMI-MC74LVXT4051 Datasheet
153Kb / 16P
   ANALOG MULTIPLEXER DEMULTIPLEXER HIGH-PERFORMANCE SILICON-GATE CMOS
January, 2002 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com