Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK4049BD Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # KK4049BD
Description  Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK4049BD Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  KK4049BD Datasheet HTML 1Page - KODENSHI_AUK CORP. KK4049BD Datasheet HTML 2Page - KODENSHI_AUK CORP. KK4049BD Datasheet HTML 3Page - KODENSHI_AUK CORP. KK4049BD Datasheet HTML 4Page - KODENSHI_AUK CORP. KK4049BD Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
KK4049B
AC ELECTRICAL CHARACTERISTICS (CL=50pF, RL=200kΩ, Input tr=tf=20 ns)
VIN
VCC
Guaranteed Limit
Symbol
Parameter
V
V
≥-55°C
25
°C
≤125°C
Unit
tPLH
Maximum Propagation Delay, Input A to
Output Y (Figure 1)
5
10
10
15
15
5
10
5
15
5
120
65
90
50
90
120
65
90
50
90
240
130
180
100
180
ns
tPHL
Maximum Propagation Delay, Input A to
Output Y (Figure 1)
5
10
10
15
15
5
10
5
15
5
65
40
30
30
20
65
40
30
30
20
130
80
60
60
40
ns
tTLH
Maximum Output Transition Time, Any
Output (Figure 1)
5
10
15
5
10
15
160
80
60
160
80
60
320
160
120
ns
tTHL
Maximum Output Transition Time, Any
Output (Figure 1)
5
10
15
5
10
15
60
40
30
60
40
30
120
80
60
ns
CIN
Maximum Input Capacitance
-
-
22.5
pF
Figure 1. Switching Waveforms
EXPANDED LOGIC DIAGRAM
(1/6 of the Device)
4


Similar Part No. - KK4049BD

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK4040B KODENSHI-KK4040B Datasheet
296Kb / 6P
   12-Stage Binary Ripple Counter High-Voltage Silicon-Gate CMOS
KK4040BD KODENSHI-KK4040BD Datasheet
296Kb / 6P
   12-Stage Binary Ripple Counter High-Voltage Silicon-Gate CMOS
KK4040BN KODENSHI-KK4040BN Datasheet
296Kb / 6P
   12-Stage Binary Ripple Counter High-Voltage Silicon-Gate CMOS
KK4042B KODENSHI-KK4042B Datasheet
297Kb / 6P
   Quad Clocked 짰짰Latch High-Voltage Silicon-Gate CMOS
KK4042BD KODENSHI-KK4042BD Datasheet
297Kb / 6P
   Quad Clocked 짰짰Latch High-Voltage Silicon-Gate CMOS
More results

Similar Description - KK4049BD

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK4050B KODENSHI-KK4050B Datasheet
218Kb / 5P
   Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IW4050B INTEGRAL-IW4050B Datasheet
112Kb / 4P
   Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4050B IKSEMICON-IW4050B Datasheet
151Kb / 5P
   Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IW4049UB INTEGRAL-IW4049UB Datasheet
149Kb / 4P
   HEX BUFFER/CONVERTER High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4049B IKSEMICON-IW4049B Datasheet
154Kb / 5P
   Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4503B KODENSHI-KK4503B Datasheet
271Kb / 6P
   Hex Buffer High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4503B IKSEMICON-IW4503B Datasheet
201Kb / 6P
   Hex Buffer High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IW4502B INTEGRAL-IW4502B Datasheet
188Kb / 5P
   Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4502B KODENSHI-KK4502B Datasheet
298Kb / 6P
   Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4502B IKSEMICON-IW4502B Datasheet
211Kb / 6P
   Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com