Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK4040BD Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # KK4040BD
Description  12-Stage Binary Ripple Counter High-Voltage Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK4040BD Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  KK4040BD Datasheet HTML 1Page - KODENSHI_AUK CORP. KK4040BD Datasheet HTML 2Page - KODENSHI_AUK CORP. KK4040BD Datasheet HTML 3Page - KODENSHI_AUK CORP. KK4040BD Datasheet HTML 4Page - KODENSHI_AUK CORP. KK4040BD Datasheet HTML 5Page - KODENSHI_AUK CORP. KK4040BD Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KK4040B
AC ELECTRICAL CHARACTERISTICS (CL=50 pF, RL=200 kΩ, tr=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
-55
°C
25
°C
125
°C
Unit
fmax
Maximum Clock Frequency (Figure 1)
5.0
10
15
3.5
8
12
3.5
8
12
1.75
4.0
6.0
MHz
tPLH, tPHL
Maximum Propagation Delay, Clock to Q1
(Figure 1)
5.0
10
15
360
160
130
360
160
130
720
320
260
ns
tPLH, tPHL
Maximum Propagation Delay, Qn to Qn+1 (Figure 2)
5.0
10
15
330
80
60
330
80
60
660
160
120
ns
tPHL
Maximum Propagation Delay, Reset to Any Q
(Figure 3)
5.0
10
15
280
120
100
280
120
100
560
240
200
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figure 1)
5.0
10
15
200
100
80
200
100
80
400
200
160
ns
CIN
Maximum Input Capacitance
-
7.5
pF
TIMING REQUIREMENTS (CL=50 pF, RL=200 kΩ, tr=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
-55
°C
25
°C
125
°C
Unit
tw
Minimum Pulse Width, Clock (Figure 1)
5.0
10
15
140
60
40
140
60
40
280
120
80
ns
tw
Minimum Pulse Width, Reset (Figure 3)
5.0
10
15
200
80
60
200
80
60
400
160
120
ns
trem
Minimum Removal Time, Reset(Figure 3)
5.0
10
15
350
150
100
350
150
100
700
300
200
ns
tr, tf
Maximum Input Rise and Fall Times, Clock
(Figure 1)
5.0
10
15
Unlimited
ns
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
4


Similar Part No. - KK4040BD

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK4042B KODENSHI-KK4042B Datasheet
297Kb / 6P
   Quad Clocked 짰짰Latch High-Voltage Silicon-Gate CMOS
KK4042BD KODENSHI-KK4042BD Datasheet
297Kb / 6P
   Quad Clocked 짰짰Latch High-Voltage Silicon-Gate CMOS
KK4042BN KODENSHI-KK4042BN Datasheet
297Kb / 6P
   Quad Clocked 짰짰Latch High-Voltage Silicon-Gate CMOS
KK4043B KODENSHI-KK4043B Datasheet
319Kb / 6P
   Quad 3-State R/S Latches High-Voltage Silicon-Gate CMOS
KK4043BD KODENSHI-KK4043BD Datasheet
319Kb / 6P
   Quad 3-State R/S Latches High-Voltage Silicon-Gate CMOS
More results

Similar Description - KK4040BD

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IW4040B IKSEMICON-IW4040B Datasheet
226Kb / 6P
   12-Stage Binary Ripple Counter High-Voltage Silicon-Gate CMOS
IW4020B IKSEMICON-IW4020B Datasheet
245Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS
IW4024B IKSEMICON-IW4024B Datasheet
219Kb / 7P
   7 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS
logo
ON Semiconductor
MC74HC4040A ONSEMI-MC74HC4040A Datasheet
170Kb / 8P
   12-Stage Binary Ripple Counter
May, 2000 ??Rev. 3
logo
Integral Corp.
IW4040B INTEGRAL-IW4040B Datasheet
59Kb / 7P
   12-Stage Binary Ripple Counter
logo
Motorola, Inc
MC74AC4040 MOTOROLA-MC74AC4040 Datasheet
136Kb / 5P
   12-STAGE BINARY RIPPLE COUNTER
logo
Nexperia B.V. All right...
HEF4040B-Q100 NEXPERIA-HEF4040B-Q100 Datasheet
680Kb / 13P
   12-stage binary ripple counter
74HC4040-Q100 NEXPERIA-74HC4040-Q100 Datasheet
762Kb / 19P
   12-stage binary ripple counter
logo
NXP Semiconductors
74HC4040 PHILIPS-74HC4040 Datasheet
137Kb / 24P
   12-stage binary ripple counter
Rev. 03-14 September 2005
logo
Nexperia B.V. All right...
74HCT4040 NEXPERIA-74HCT4040 Datasheet
275Kb / 16P
   12-stage binary ripple counter
Rev. 7 - 26 May 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com