Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK4024BD Datasheet(PDF) 7 Page - KODENSHI_AUK CORP.

Part # KK4024BD
Description  7 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK4024BD Datasheet(HTML) 7 Page - KODENSHI_AUK CORP.

  KK4024BD Datasheet HTML 1Page - KODENSHI_AUK CORP. KK4024BD Datasheet HTML 2Page - KODENSHI_AUK CORP. KK4024BD Datasheet HTML 3Page - KODENSHI_AUK CORP. KK4024BD Datasheet HTML 4Page - KODENSHI_AUK CORP. KK4024BD Datasheet HTML 5Page - KODENSHI_AUK CORP. KK4024BD Datasheet HTML 6Page - KODENSHI_AUK CORP. KK4024BD Datasheet HTML 7Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
KK4024B
N SUFFIX PLASTIC DIP
(MS - 001AA)
A
B
F
G
D
L
H
SEATING
PLANE
N
K
0.25 (0.010) M
T
M
J
-T-
C
1
14
7
8
Dimensions, mm
Symbol
MIN
MAX
A
18.67
19.69
B
6.10
7.11
C
5.33
D
0.36
0.56
F
1.14
1.78
G
2.54
H
7.62
J
0
°
10
°
K
2.92
3.81
L
7.62
8.26
M
0.20
0.36
N
0.38
NOTES:
1.
Dimensions “A”, “B” do not include mold flash or protrusions. Maximum
mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC
(MS - 012AB)
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
SEATING
PLANE
0.25 (0.010) M
T
-T-
1
14
7
8
Dimensions, mm
Symbol.
MIN
MAX
A
8.55
8.75
B
3.80
4.00
C
1.35
1.75
D
0.33
0.51
F
0.40
1.27
G
1.27
H
5.72
J
0
°
8
°
K
0.10
0.25
M
0.19
0.25
P
5.80
6.20
R
0.25
0.50
NOTES:
1.Dimensions A and B do not include mold flash or protrusion.
2.Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for
B - 0.25 mm (0.010) per side.
7


Similar Part No. - KK4024BD

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK4020B KODENSHI-KK4020B Datasheet
326Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS
KK4020BD KODENSHI-KK4020BD Datasheet
326Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS
KK4020BN KODENSHI-KK4020BN Datasheet
326Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS
KK4021B KODENSHI-KK4021B Datasheet
250Kb / 5P
   8-Bit Shift Register High-Voltage Silicon-Gate CMOS
KK4021BDW KODENSHI-KK4021BDW Datasheet
250Kb / 5P
   8-Bit Shift Register High-Voltage Silicon-Gate CMOS
More results

Similar Description - KK4024BD

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IW4024B IKSEMICON-IW4024B Datasheet
219Kb / 7P
   7 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS
IW4020B IKSEMICON-IW4020B Datasheet
245Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS
logo
List of Unclassifed Man...
IW4024B ETC1-IW4024B Datasheet
318Kb / 7P
   7 Stage Ripple-Carry Binary Counter/Divider
logo
KODENSHI_AUK CORP.
KK4020B KODENSHI-KK4020B Datasheet
326Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS
logo
Unisonic Technologies
UCD4060B UTC-UCD4060B_15 Datasheet
241Kb / 9P
   CMOS 14-Stage Ripple-Carry Binary Counter/Divider
logo
IK Semicon Co., Ltd
IW4060B IKSEMICON-IW4060B Datasheet
212Kb / 6P
   14-Stage Ripple-Carry Binary Counter/Divider and Oscillator High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IW4060B INTEGRAL-IW4060B Datasheet
198Kb / 5P
   14-Stage Ripple-Carry Binary Counter/Divider and Oscillator High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4060B KODENSHI-KK4060B Datasheet
313Kb / 6P
   14-Stage Ripple-Carry Binary Counter/Divider and Oscillator High-Voltage Silicon-Gate CMOS
logo
National Semiconductor ...
CD4024BC NSC-CD4024BC Datasheet
114Kb / 6P
   7-Stage Ripple Carry Binary Counter
logo
Fairchild Semiconductor
CD4024BC FAIRCHILD-CD4024BC Datasheet
56Kb / 6P
   7-Stage Ripple Carry Binary Counter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com