Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE2021QPWRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLE2021QPWRQ1
Description  EXCALIBUR HIGH-SPEED LOW-POWER PRECISION POERATIONAL AMPLIFIERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2021QPWRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLE2021QPWRQ1 Datasheet HTML 3Page - Texas Instruments TLE2021QPWRQ1 Datasheet HTML 4Page - Texas Instruments TLE2021QPWRQ1 Datasheet HTML 5Page - Texas Instruments TLE2021QPWRQ1 Datasheet HTML 6Page - Texas Instruments TLE2021QPWRQ1 Datasheet HTML 7Page - Texas Instruments TLE2021QPWRQ1 Datasheet HTML 8Page - Texas Instruments TLE2021QPWRQ1 Datasheet HTML 9Page - Texas Instruments TLE2021QPWRQ1 Datasheet HTML 10Page - Texas Instruments TLE2021QPWRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
TLE202xQ1, TLE202xAQ1
EXCALIBUR HIGHSPEED LOW POWER PRECISION
OPERATIONAL AMPLIFIERS
SGLS199A − JANUARY 2004 − REVISED APRIL 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLE2022 electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TA†
TLE2022-Q1
TLE2022A-Q1
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
600
400
V
VIO
Input offset voltage
Full range
800
550
µV
VIO
Temperature coefficient of
Full range
2
2
V/
°C
αVIO
Temperature coefficient of
input offset voltage
Full range
2
2
µV/°C
Input offset voltage
VIC = 0,
RS = 50 Ω
25
°C
0.005
0.005
V/mo
Input offset voltage
long-term drift (see Note 4)
VIC = 0,
RS = 50 Ω
25
°C
0.005
0.005
µV/mo
IIO
Input offset current
25
°C
0.5
6
0.4
6
nA
IIO
Input offset current
Full range
10
10
nA
IIB
Input bias current
25
°C
35
70
33
70
nA
IIB
Input bias current
Full range
90
90
nA
0
−0.3
0
−0.3
25
°C
0
to
−0.3
to
0
to
−0.3
to
VICR
Common-mode input
RS = 50 Ω
25 C
to
3.5
to
4
to
3.5
to
4
V
VICR
Common-mode input
voltage range
RS = 50 Ω
0
0
V
voltage range
Full range
0
to
0
to
Full range
to
3.2
to
3.2
VOH
High-level output voltage
25
°C
4
4.3
4
4.3
V
VOH
High-level output voltage
RL = 10 kΩ
Full range
3.8
3.8
V
VOL
Low-level output voltage
RL = 10 kΩ
25
°C
0.7
0.8
0.7
0.8
V
VOL
Low-level output voltage
Full range
0.95
0.95
V
AVD
Large-signal differential
VO = 1.4 V to 4 V, RL = 10 kΩ
25
°C
0.3
1.5
0.4
1.5
V/ V
AVD
Large-signal differential
voltage amplification
VO = 1.4 V to 4 V, RL = 10 kΩ
Full range
0.1
0.1
V/
µV
CMRR
Common-mode rejection
VIC = VICRmin,
RS = 50 Ω
25
°C
85
100
87
102
dB
CMRR
Common-mode rejection
ratio
VIC = VICRmin,
RS = 50 Ω
Full range
80
82
dB
kSVR
Supply-voltage rejection
VCC = 5 V to 30 V
25
°C
100
115
103
118
dB
kSVR
Supply-voltage rejection
ratio (
∆VCC± /∆VIO)
VCC = 5 V to 30 V
Full range
95
98
dB
ICC
Supply current
25
°C
450
600
450
600
A
ICC
Supply current
V
= 2.5 V,
No load
Full range
600
600
µA
∆ICC
Supply current change over
operating temperature
VO = 2.5 V,
No load
Full range
37
37
µA
∆ICC
operating temperature
range
Full range
37
37
µA
† Full range is −40°C to 125°C.
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.


Similar Part No. - TLE2021QPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2021QPWRQ1 TI-TLE2021QPWRQ1 Datasheet
714Kb / 39P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2021QPWRQ1 TI1-TLE2021QPWRQ1 Datasheet
728Kb / 41P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - TLE2021QPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TEL2027-Q1 TI-TEL2027-Q1 Datasheet
525Kb / 29P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION POERATIONAL AMPLIFIERS
TLE202X TI-TLE202X_07 Datasheet
1Mb / 72P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X-Q1 TI-TLE202X-Q1 Datasheet
714Kb / 39P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2024BM TI1-TLE2024BM Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202XA TI-TLE202XA Datasheet
1Mb / 79P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X TI-TLE202X Datasheet
1Mb / 66P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2024-EP TI-TLE2024-EP Datasheet
898Kb / 42P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X TI1-TLE202X_16 Datasheet
2Mb / 80P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X TI1-TLE202X_17 Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X-Q1 TI1-TLE202X-Q1_15 Datasheet
728Kb / 41P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com