Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI2EQX3201ZFE Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI2EQX3201ZFE
Description  3.2Gbps 2 Differential Channel Serial Re-driver with built-in Equalization and De-emphasis
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2EQX3201ZFE Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI2EQX3201ZFE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2EQX3201ZFE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2EQX3201ZFE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2EQX3201ZFE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2EQX3201ZFE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2EQX3201ZFE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2EQX3201ZFE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
PS8818
02/28/06
PI2EQX3201
3.2Gbps 2 Differential Channel Serial Re-driver
with built-in Equalization and De-emphasis
AC Switching Characteristics for Clock Buffer (VDD = 1.8 ±0.1V, AVDD = 1.8 ±0.1V) (3)
Symbol
Parameters
Min
Max.
Units
Notes
Trise / Tfall
Rise and Fall Time (measured between 0.175V to 0.525V) (1)
125
525
ps
1
ΔTrise /
ΔTfall
Rise and Fall Time Variation
75
1
VHIGH
Voltage High including overshoot
660
900
mV
1
VLOW
Voltage Low including undershoot
-200
1
VCROSS
Absolute crossing point voltages
200
550
1
ΔVCROSS
Total Variation of Vcross over all edges
250
1
TDC
Duty Cycle (input duty cycle = 50%) (2)
45
55
%
2
Notes:
1.
Measurement taken from Single Ended waveform.
2.
Measurement taken from Differential waveform.
3.
Test configuration is RS = 33.2Ω, Rp = 49.9Ω, and 2pF.
Configuration Test Load Board Termination
Figure 2. Configuration test load board termination
Note:
• TLA and TLB are 3” transmission lines.
Rs
33Ω
5%
Rs
33Ω
5%
Rp
49.9Ω
1%
475Ω
1%
Rp
49.9Ω
1%
2pF
5%
2pF
5%
Clock#
Clock
TLA
TLB
CLKBUF
06-0086


Similar Part No. - PI2EQX3201ZFE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2EQX3201BL PERICOM-PI2EQX3201BL Datasheet
585Kb / 5P
   3.0Gbps 2 Differential Channel SATA i/m ReDriver with Equalization, De-emphasis and OOB
More results

Similar Description - PI2EQX3201ZFE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2EQX3202 PERICOM-PI2EQX3202 Datasheet
553Kb / 7P
   3.2Gbps, 4 Differential Channel, Serial Re-driver with Built-in Equalization & De-emphasis
PI2EQX3202B PERICOM-PI2EQX3202B Datasheet
419Kb / 7P
   3.2Gbps, 4 Differential Channel, Serial Re-Driver with Equalization, De-emphasis, and Squelch
PI2EQX3211B PERICOM-PI2EQX3211B Datasheet
408Kb / 5P
   3.2Gbps 2 Differential Channel Serial Re-driver with Equalization, Squelch and Flow-Through Pinout
PI3HDMI411AD PERICOM-PI3HDMI411AD Datasheet
485Kb / 9P
   DVI / HDMI Re-Driver w/ Equalization, De-emphasis & Pre-emphasis
PI2EQX3201BL PERICOM-PI2EQX3201BL Datasheet
585Kb / 5P
   3.0Gbps 2 Differential Channel SATA i/m ReDriver with Equalization, De-emphasis and OOB
PI2EQX3232B PERICOM-PI2EQX3232B Datasheet
465Kb / 7P
   3.2Gbps, 2-Port, SATAi/m, Serial Re-Driver
logo
Semtech Corporation
GX3246 SEMTECH-GX3246 Datasheet
1Mb / 47P
   Crosspoint Switch with Trace Equalization and Output De-emphasis
logo
Texas Instruments
DS64BR401 TI1-DS64BR401_13 Datasheet
4Mb / 36P
[Old version datasheet]   Quad Bi-Directional Transceiver with Equalization and De-Emphasis
logo
Semtech Corporation
GX3146 SEMTECH-GX3146 Datasheet
1Mb / 46P
   Crosspoint Switch with Trace Equalization and Output De-emphasis
logo
National Semiconductor ...
DS64BR401 NSC-DS64BR401 Datasheet
1Mb / 30P
   Quad Bi-Directional Transceiver with Equalization and De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com