Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN7534050N Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN7534050N
Description  DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN7534050N Datasheet(HTML) 3 Page - Texas Instruments

  SN7534050N Datasheet HTML 1Page - Texas Instruments SN7534050N Datasheet HTML 2Page - Texas Instruments SN7534050N Datasheet HTML 3Page - Texas Instruments SN7534050N Datasheet HTML 4Page - Texas Instruments SN7534050N Datasheet HTML 5Page - Texas Instruments SN7534050N Datasheet HTML 6Page - Texas Instruments SN7534050N Datasheet HTML 7Page - Texas Instruments SN7534050N Datasheet HTML 8Page - Texas Instruments SN7534050N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.ti.com
LOGIC DIAGRAMS
1Y
3
1
14
12
9
10
7
13
5
11
6
15
4
2
1D
1R
2DE
1B
1Z
2D
2Y
2A
1DE
1A
2R
2Z
2B
DE
1Y
3
1
12
14
9
10
7
4
13
5
11
6
15
2
1R
1B
RE
1Z
2D
2Y
2A
1D
1A
2R
2Z
2B
SCHEMATIC OF INPUTS
All resistor values are nominal.
960
NOM
960
NOM
16.8 k
NOM
EQUIVALENT OF RECEIVER INPUT
Driver input: R
= 6 k
nom
Enable input: R
= 4 k
nom
R
= equivalent resistor
(eq)
(eq)
(eq)
EQUIVALENT OF DRIVER OR ENABLE INPUT
Input
V
CC
R
(eq)
Input
V
CC
SN7534050, SN7534051
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SLLS833 – MAY 2007
SN7534050
SN7534051
3
Submit Documentation Feedback


Similar Part No. - SN7534050N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75372 TI-SN75372 Datasheet
164Kb / 11P
[Old version datasheet]   DUAL MOSFET DRIVER
SN75372 TI-SN75372 Datasheet
656Kb / 21P
[Old version datasheet]   DUAL MOSFET DRIVER
JULY 1986
SN75372D TI-SN75372D Datasheet
164Kb / 11P
[Old version datasheet]   DUAL MOSFET DRIVER
SN75372D TI1-SN75372D Datasheet
735Kb / 19P
[Old version datasheet]   DUAL MOSFET DRIVER
SN75372D TI-SN75372D Datasheet
656Kb / 21P
[Old version datasheet]   DUAL MOSFET DRIVER
JULY 1986
More results

Similar Description - SN7534050N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
SN75C1167NSE4 TI1-SN75C1167NSE4 Datasheet
933Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_07 Datasheet
507Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_09 Datasheet
606Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com