Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV08DBLE Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LV08DBLE
Description  QUADRUPLE 2-INPUT POSITIVE-AND GATES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV08DBLE Datasheet(HTML) 3 Page - Texas Instruments

  SN74LV08DBLE Datasheet HTML 1Page - Texas Instruments SN74LV08DBLE Datasheet HTML 2Page - Texas Instruments SN74LV08DBLE Datasheet HTML 3Page - Texas Instruments SN74LV08DBLE Datasheet HTML 4Page - Texas Instruments SN74LV08DBLE Datasheet HTML 5Page - Texas Instruments SN74LV08DBLE Datasheet HTML 6Page - Texas Instruments SN74LV08DBLE Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SN54LV08, SN74LV08
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SCLS186C – FEBRUARY 1993 – REVISED APRIL 1996
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
SN54LV08
SN74LV08
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
2.7
5.5
2.7
5.5
V
VIH
High level input voltage
VCC = 2.7 V to 3.6 V
2
2
V
VIH
High-level input voltage
VCC = 4.5 V to 5.5 V
3.15
3.15
V
VIL
Low level input voltage
VCC = 2.7 V to 3.6 V
0.8
0.8
V
VIL
Low-level input voltage
VCC = 4.5 V to 5.5 V
1.65
1.65
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
IOH
High level output current
VCC = 2.7 V to 3.6 V
–6
–6
mA
IOH
High-level output current
VCC = 4.5 V to 5.5 V
–12
–12
mA
IOL
Low level output current
VCC = 2.7 V to 3.6 V
6
6
mA
IOL
Low-level output current
VCC = 4.5 V to 5.5 V
12
12
mA
∆t/∆v
Input transition rise or fall rate
0
100
0
100
ns / V
TA
Operating free-air temperature
–55
125
–40
85
°C
NOTE 4: Unused inputs must be held high or low to prevent them from floating.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
V
SN54LV08
SN74LV08
UNIT
PARAMETER
TEST CONDITIONS
VCC†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IOH = –100 µA
MIN to MAX
VCC–0.2
VCC–0.2
VOH
IOH = –6 mA
3 V
2.4
2.4
V
IOH = –12 mA
4.5 V
3.6
3.6
IOL = 100 µA
MIN to MAX
0.2
0.2
VOL
IOL = 6 mA
3 V
0.4
0.4
V
IOL = 12 mA
4.5 V
0.55
0.55
II
VI =VCC or GND
3.6 V
±1
±1
µA
II
VI = VCC or GND
5.5 V
±1
±1
µA
ICC
VI =VCC or GND
IO =0
3.6 V
20
20
µA
ICC
VI = VCC or GND
IO = 0
5.5 V
20
20
µA
nICC
One input at
VCC – 0.6 V
Other inputs at
VCC or GND
3 V to 3.6 V
500
500
µA
Ci
VI =VCC or GND
3.3 V
2.5
2.5
pF
Ci
VI = VCC or GND
5 V
2.6
2.6
pF
† For conditions shown as MIN or MAX, use the appropriate values under recommended operating conditions.
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
FROM
TO
SN54LV08
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V ± 0.5 V
VCC = 3.3 V ± 0.3 V
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
MAX
tpd
A
Y
7
11
10
15
17
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LV08DBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV08DBLE TI-SN74LV08DBLE Datasheet
120Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results

Similar Description - SN74LV08DBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408 Datasheet
625Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI1-SN54LVC08A_17 Datasheet
1Mb / 32P
[Old version datasheet]   Quadruple 2-Input Positive-AND Gates
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
   Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com